Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 21Page - Texas Instruments LP5569RTWR Datasheet HTML 22Page - Texas Instruments LP5569RTWR Datasheet HTML 23Page - Texas Instruments LP5569RTWR Datasheet HTML 24Page - Texas Instruments LP5569RTWR Datasheet HTML 25Page - Texas Instruments LP5569RTWR Datasheet HTML 26Page - Texas Instruments LP5569RTWR Datasheet HTML 27Page - Texas Instruments LP5569RTWR Datasheet HTML 28Page - Texas Instruments LP5569RTWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 93 page
background image
ack from slave
start
MSB Chip Addr LSB
SCL
ack from slave
w
MSB Register Addr LSB
rs
r
MSB
Data
LSB
stop
ack from slave
nack from master
repeated start
data from slave
SDA
start
id =32h
w ack
address = 3Fh
ack
rs
r ack
address 3Fh data
nack
stop
MSB Chip Address LSB
id = 32h
25
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6. The master device generates a repeated-start condition.
7. The master device sends the slave address (7 bits) and the data direction bit (R/W = 1).
8. The slave device sends an acknowledge signal if the slave address is correct.
9. The slave device sends the data byte from the addressed register.
10. If the master device sends an acknowledge signal, the control register address is incremented by 1. The
slave device sends the data byte from the addressed register.
11. The read cycle ends when the master device does not generate an acknowledge signal after a data byte
and generates a stop condition.
ID = chip address = 32h for the LP5569 device
Figure 24. Read Cycle (R = Read; SDA = 1)
8.5.1.7 Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an
8
‑bit word is sent to the LP5569 device, the internal address index counter is incremented by 1, and the next
register is written. The auto-increment feature is enabled by default and can be disabled by setting the
EN_AUTO_INCR bit = 0 in the MISC register (address 2Fh).
8.5.2 Execution Engine Programming
The LP5569 device provides flexibility and programmability for dimming and sequencing control. Each LED can
be controlled directly and independently through the serial bus, or LED drivers can be grouped together for pre-
programmed flashing patterns.
The LP5569 device has three independent program execution engines, so it is possible to form three
independently programmable LED banks. LED drivers can be grouped based on their function so that, for
example, the first bank of drivers can be assigned to the keypad illumination, the second bank to the funlights,
and the third group to the indicator LED(s). Each bank can contain 1 to 9 LED driver outputs. Instructions for
program execution engines are stored in the program memory. The total amount of the program memory is 255
instructions, and the user can allocate the instructions as required by the engines; however, a single engine can
only allocate up to ½ the memory (128 instructions).
8.5.2.1 SRAM Memory
The LP5569 device has internal SRAM for the three LED engines. SRAM can contain up to 255 16-bit
instructions (addresses 0 through 254) with a maximum size of 128 16-bit instructions for a single engine. SRAM
memory address 255 is reserved and must not be allocated to any LED engine. Memory allocation among the
three LED engines is done dynamically, so that each LED engine has a separate start address and program
counter (PC) that are set in the ENGINEx_PROG_START registers (addresses 4Bh, 4Ch, 4Dh) and
ENGINEx_PC registers (addresses 30h, 31h, 32h). This allows flexible memory allocation among the LED
engines, and multiple engines can recall the same memory address. The program counter uses relative memory
addressing; when the PC is zero the engine is executing an instruction at its start address.
The SRAM is loaded via the I2C interface in 33-byte-length pages. The first byte contains the program-memory-
page-select (address 4Fh) followed by up to 32 bytes containing compiled program execution engine instructions
(address 50h thru 6Fh). Engines must be set to load the program mode (register 01h) before writing the SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com