Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 78 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 74Page - Texas Instruments LP5569RTWR Datasheet HTML 75Page - Texas Instruments LP5569RTWR Datasheet HTML 76Page - Texas Instruments LP5569RTWR Datasheet HTML 77Page - Texas Instruments LP5569RTWR Datasheet HTML 78Page - Texas Instruments LP5569RTWR Datasheet HTML 79Page - Texas Instruments LP5569RTWR Datasheet HTML 80Page - Texas Instruments LP5569RTWR Datasheet HTML 81Page - Texas Instruments LP5569RTWR Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
78
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP5569 device is designed as an autonomous lighting controller for handheld devices. In these devices,
extremely small form factor is needed; therefore, the LP5569 device is designed to require only four small
capacitors: input and output, as well as flying capacitor 1 and flying capacitor 2 for the charge pump. If the
system has other LED input voltages available, and the charge pump is not needed in the application, the
charge-pump capacitors can be omitted, thus reducing the solution even further. The device can drive RGB
LEDs or discrete LEDs of any color if desired.
9.2 Typical Applications
9.2.1 Single LP5569 Application
Figure 119 shows an example of a typical application that uses a charge pump to get high-enough voltage to
drive green and blue LEDs. Red LEDs are powered from VVIN for reduced power consumption. The device, with
a voltage range of 2.5 V to 4.5 V, is powered from three AA batteries, typically 3.6 V with 1.2-V cell voltage.
Design Requirements shows related design parameters for this example. In this example, input voltage with AA
batteries is typically over 3.6 V (cell voltage >1.2 V) for half of the battery lifetime. During this time the charge
pump operates in 1× mode, as the input voltage is enough for the green and blue LEDs. As the battery voltage
continues to decrease, the LP5569 device detects that the LED headroom voltage is too low and automatically
configures the charge pump to the 1.5× mode. In 1.5× mode, the LEDs can be powered with VIN down to 2.5 V,
where the batteries are almost empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com