Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 29Page - Texas Instruments LP5569RTWR Datasheet HTML 30Page - Texas Instruments LP5569RTWR Datasheet HTML 31Page - Texas Instruments LP5569RTWR Datasheet HTML 32Page - Texas Instruments LP5569RTWR Datasheet HTML 33Page - Texas Instruments LP5569RTWR Datasheet HTML 34Page - Texas Instruments LP5569RTWR Datasheet HTML 35Page - Texas Instruments LP5569RTWR Datasheet HTML 36Page - Texas Instruments LP5569RTWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
33
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.5.2.5.4
MAP_CLR
The map_clr instruction clears engine-to-driver mapping. After the mapping has been released from an LED, the
PWM register value still controls the LED brightness.
8.5.2.5.5
MAP_NEXT
This instruction sets the next row active in the mapping table each time it is called. For example, if the second
row is active at this moment, after the map_next instruction call the third row is active. If the mapping table end
address is reached, activation rolls to the mapping-table start address the next time when the map_next
instruction is called. The engine does not push a new PWM value to the LED driver output before the set_pwm
or ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register
still controls the LED brightness.
8.5.2.5.6
LOAD_NEXT
Similar to the map_next instruction with the exception that no mapping is set. The index pointer is set to point to
the next row and the engine-to-LED-driver connection is not updated.
8.5.2.5.7
MAP_PREV
This instruction sets the previous row active in the mapping table each time it is called. For example, if the third
row is active at this moment, after the map_prev instruction call the second row is active. If the mapping table
start address is reached, activation rolls to the mapping table end address next time the map_prev instruction is
called. The engine does not push a new PWM value to the LED driver output before the set_pwm or ramp
instruction is executed. If the mapping has been released from an LED, the value in the PWM register still
controls the LED brightness.
8.5.2.5.8
LOAD_PREV
Similar to the map_prev instruction with the exception that no mapping is set. The index pointer is set to point to
the previous row and the engine-to-LED-driver connection is not updated.
8.5.2.5.9
MAP_ADDR
The map_addr instruction sets the index pointer to point to the mapping table row defined by bits [6:0] and sets
the row active. The engine does not push a new PWM value to the LED driver output before the set_pwm or
ramp instruction is executed. If the mapping has been released from an LED, the value in the PWM register still
controls the LED brightness.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0–127
SRAM address containing mapping data restricted to lower half of memory.
8.5.2.5.10
LOAD_ADDR
The load_addr instruction sets the index pointer to point to the mapping table row defined by bits [6:0], but the
row is not set active.
NAME
VALUE (d)
DESCRIPTION
SRAM address
0–127
SRAM address containing mapping data restricted to lower half of memory.
8.5.2.6 Branch Instructions
8.5.2.6.1
BRANCH
The branch instruction is provided for repeating a portion of the program code several times. The branch
instruction loads a step number value to the program counter. A loop count parameter defines how many times
the instructions inside the loop are repeated. The step number is loaded into the PC when the instruction is
executed. The PC is relative to the ENGINEx_PROG_START register setting. The LP5569 device supports
nested looping, that is, a loop inside a loop. The number of nested loops is not limited. The instruction takes 16
32-kHz clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com