Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 24Page - Texas Instruments LP5569RTWR Datasheet HTML 25Page - Texas Instruments LP5569RTWR Datasheet HTML 26Page - Texas Instruments LP5569RTWR Datasheet HTML 27Page - Texas Instruments LP5569RTWR Datasheet HTML 28Page - Texas Instruments LP5569RTWR Datasheet HTML 29Page - Texas Instruments LP5569RTWR Datasheet HTML 30Page - Texas Instruments LP5569RTWR Datasheet HTML 31Page - Texas Instruments LP5569RTWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 93 page
background image
28
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
Table 7. Data Transfer and Arithmetic
INSTRUCTION
USAGE
COMPILER EXAMPLE
ld(1)
Assign a value to a variable.
ld ra, 33; load value 33h to local variable A
add(1)
Add the 8-bit value to the variable value.
add ra, 11; add value 11h to local variable A
add(2)
Add the value of variable 3 (global variable D) to the value of variable 2
(global variable C) and store the result in variable 1 (local variable A).
add ra, rc, rd; add the value in rd to rc and
store in ra
sub(1)
Subtract the 8-bit value from the variable value.
sub ra, 11; subtract value 11h from local
variable A
sub(2)
Subtract the value of variable 3 (global variable D) from the value of
variable 2 (global variable C) and store the result in variable 1 (local
variable A).
sub ra, rc, rd; subtract the value in rd from rc
and store in ra
(1)
This opcode is used with numerical operands.
(2)
This opcode is used with variables.
8.5.2.4 LED Driver Instructions
Table 8. LP5569 LED Driver Instructions
INST.
Bit
[15]
Bit
[14]
Bit
[13]
Bit
[12]
Bit
[11]
Bit
[10]
Bit
[9]
Bit
[8]
Bit
[7]
Bit
[6]
Bit
[5]
Bit
[4]
Bit
[3]
Bit
[2]
Bit
[1]
Bit
[0]
ramp(1)
0
pre-
scale
step time
sign
no. of increments
ramp(2)
1
0
0
0
0
1
0
0
0
0
pre-
scale
sign
step time
no. of
increments
set_pwm(1)
0
1
0
0
0
0
0
0
PWM value
set_pwm(2)
1
0
0
0
0
1
0
0
0
1
1
0
0
0
PWM value
wait
0
pre-
scale
time
0
0
0
0
0
0
0
0
0
8.5.2.4.1
Ramp
This is the instruction useful for smoothly changing from one PWM value into another PWM value on the LED0 to
LED8 outputs —in other words, generating ramps with a negative or positive slope. The LP5569 device allows
the programming of very fast and very slow ramps using only a single instruction. Full ramp 0 to 255 ramp time
ranges from 124 ms to 4 s.
The ramp instruction generates a PWM ramp, using the effective PWM value as a starting value. At each ramp
step the output is incremented or decremented by 1, unless the number of increments is 0. The time span for
one ramp step is defined with the prescale bit [14] and step-time bits [13:9]. The ramp instruction controls the
eight most-significant bits (MSB) of the PWM values and the remaining bits are interpolated as ramp mid-values
internally for smoother transition.
Prescale = 0 sets a 0.49-ms cycle time and prescale = 1 sets a 15.6-ms cycle time; so the minimum time span
for one step is 0.49 ms (prescale × step time span = 0.49 ms × 1) and the maximum time span is 15.6 ms × 31 =
484 ms/step. If all the step-time bits [13:9] are set to zero, the output value is incremented or decremented during
one prescale on the whole time cycle.
The number-of-increments value defines how many steps are taken during one ramp instruction: the increment
maximum value is 255, which corresponds to an increment from zero value to the maximum value. If PWM
reaches the minimum or maximum value (0 or 255) during the ramp instruction, the ramp instruction is executed
to the end regardless of saturation. This enables ramp instruction to be used as a combined ramp-and-wait
instruction. Note: the ramp instruction is a wait instruction when the increment bits [7:0] are set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com