Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 59 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 55Page - Texas Instruments LP5569RTWR Datasheet HTML 56Page - Texas Instruments LP5569RTWR Datasheet HTML 57Page - Texas Instruments LP5569RTWR Datasheet HTML 58Page - Texas Instruments LP5569RTWR Datasheet HTML 59Page - Texas Instruments LP5569RTWR Datasheet HTML 60Page - Texas Instruments LP5569RTWR Datasheet HTML 61Page - Texas Instruments LP5569RTWR Datasheet HTML 62Page - Texas Instruments LP5569RTWR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 93 page
background image
59
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8.6.1.38 VARIABLE_D Register (Address = 3Eh) [reset = 0h]
VARIABLE_D is shown in Figure 64 and described in Table 53.
Return to Summary Table.
Variable D Register
Figure 64. VARIABLE_D Register
7
6
5
4
3
2
1
0
variable_d
R/W-0h
Table 53. VARIABLE_D Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
variable_d
R/W
0h
These bits are used for storing a global 8-bit variable. The variable
can be used to control program flow.
8.6.1.39 RESET Register (Address = 3Fh) [reset = 0h]
RESET is shown in Figure 65 and described in Table 54.
Return to Summary Table.
Reset Register
Figure 65. RESET Register
7
6
5
4
3
2
1
0
reset
W-0h
Table 54. RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
reset
W
0h
Writing FFh into this register resets the device. Internal registers are
reset to the default values. Reading this register returns 0h.
8.6.1.40 ENGINE1_VARIABLE_A Register (Address = 42h) [reset = 0h]
ENGINE1_VARIABLE_A is shown in Figure 66 and described in Table 55.
Return to Summary Table.
Engine1 Variable A Register
Figure 66. ENGINE1_VARIABLE_A Register
7
6
5
4
3
2
1
0
engine1_variable_a
R/W-0h
Table 55. ENGINE1_VARIABLE_A Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine1_variable_a
R/W
0h
These bits are used for the engine 1 local variable.
8.6.1.41 ENGINE2_VARIABLE_A Register (Address = 43h) [reset = 0h]
ENGINE2_VARIABLE_A is shown in Figure 67 and described in Table 56.
Return to Summary Table.
Engine2 Variable A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com