Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 42 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 38Page - Texas Instruments LP5569RTWR Datasheet HTML 39Page - Texas Instruments LP5569RTWR Datasheet HTML 40Page - Texas Instruments LP5569RTWR Datasheet HTML 41Page - Texas Instruments LP5569RTWR Datasheet HTML 42Page - Texas Instruments LP5569RTWR Datasheet HTML 43Page - Texas Instruments LP5569RTWR Datasheet HTML 44Page - Texas Instruments LP5569RTWR Datasheet HTML 45Page - Texas Instruments LP5569RTWR Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
42
LP5569
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 18. LED_ENGINE_CONTROL2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5–4
ch2_mode
R/W
0h
Engine 2 operation mode
00 = Disabled (default)
01 = Load program to SRAM
10 = Run program
11 = Halt
3–2
ch3_mode
R/W
0h
Engine 3 operation mode
00 = Disabled (default)
01 = Load program to SRAM
10 = Run program
11 = Halt
1–0
RESERVED
R/W
0h
8.6.1.4 LED0_CONTROL Register (Address = 7h) [reset = 0h]
LED0_CONTROL is shown in Figure 30 and described in Table 19.
Return to Summary Table.
LED0 Control Register
Figure 30. LED0_CONTROL Register
7
6
5
4
3
2
1
0
mf_mapping0
led0_ratio_en
exp_en0
external_power
0
RESERVED
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 19. LED0_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
7–5
mf_mapping0
R/W
0h
Master fader mapping select:
0h = No master fading (default)
1h = Master fader1
2h = Master fader2
3h = Master fader3
4h = No master fading
5h = PWM input master fading
6h = No master fading
7h = No master fading
4
led0_ratio_en
R/W
0h
0 = Disables ratiometric dimming (default)
1 = Enables ratiometric dimming
When ratiometric dimming is enabled, the emitted color of an RGB-
LED remains the same regardless of the initial magnitude of the LED
output.
3
exp_en0
R/W
0h
0 = Linear adjustment (default)
1 = Exponential adjustment
This bit is effective for both the program execution engine control
and direct PWM control.
2
external_power0
R/W
0h
0 = LED is powered by charge pump (default)
1 = LED is powered by external power source
1–0
RESERVED
R/W
0h
8.6.1.5 LED1_CONTROL Register (Address = 8h) [reset = 0h]
LED1_CONTROL is shown in Figure 31 and described in Table 20.
Return to Summary Table.
LED1 Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com