Electronic Components Datasheet Search
  English  ▼

X  

LP5569RTWR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP5569RTWR
Description  Nine-Channel I2C RGB LED Driver With Engine Control and Charge Pump
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5569RTWR Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP5569RTWR Datasheet HTML 53Page - Texas Instruments LP5569RTWR Datasheet HTML 54Page - Texas Instruments LP5569RTWR Datasheet HTML 55Page - Texas Instruments LP5569RTWR Datasheet HTML 56Page - Texas Instruments LP5569RTWR Datasheet HTML 57Page - Texas Instruments LP5569RTWR Datasheet HTML 58Page - Texas Instruments LP5569RTWR Datasheet HTML 59Page - Texas Instruments LP5569RTWR Datasheet HTML 60Page - Texas Instruments LP5569RTWR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 93 page
background image
57
LP5569
www.ti.com
SNVSAP8A – JULY 2017 – REVISED SEPTEMBER 2017
Product Folder Links: LP5569
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 49. ENGINE3_PC Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
engine3_pc
R/W
0h
Program counter starting value for program execution engine 3.
8.6.1.35 MISC2 Register (Address = 33h) [reset = 2h]
MISC2 is shown in Figure 61 and described in Table 50.
Return to Summary Table.
Miscellaneous Register 2
Figure 61. MISC2 Register
7
6
5
4
3
2
1
0
RESERVED
led_short_test
led_open_test
led_headroom
cp_dis_disch
R/W-0h
R/W-0h
R/W-0h
R/W-1h
R/W-0h
Table 50. MISC2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7–5
RESERVED
R/W
0h
Reserved
4
led_short_test
R/W
0h
0 = LED-short test disabled (default)
1 = LED-short test enabled
3
led_open_test
R/W
0h
0 = LED-open test disabled (default)
1 = LED-open test enabled
2–1
led_headroom
R/W
1h
Selectable low-headroom comparator settings:
00 = 200 mV
01 = 250 mV (default)
10 = 300 mV
11 = 250 mV
0
cp_dis_disch
R/W
0h
Charge pump discharge disable.
0 = discharging is enabled in shutdown and standby states, absent
of TSD. (default)
1 = discharging is disabled
8.6.1.36 ENGINE_STATUS Register (Address = 3Ch) [reset = 80h]
ENGINE_STATUS is shown in Figure 62 and described in Table 51.
Return to Summary Table.
Engine Status Register
Figure 62. ENGINE_STATUS Register
7
6
5
4
3
2
1
0
mask_busy
startup_busy
engine_busy
RESERVED
ch3_int
ch2_int
ch1_int
R/W-1h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 51. ENGINE_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
mask_busy
R/W
1h
Mask bit for interrupts generated by START-UP_BUSY or
ENGINE_BUSY.
0 = External interrupt is generated when START-UP_BUSY or
ENGINE_BUSY condition is no longer true.
1 = Interrupt events are masked (no external interrupt generated by
START-UP_BUSY or ENGINE_BUSY).
Reading register 3Ch clears the status bits and releases the INT pin
to the high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com