Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 5Page - Linear Technology LTC3704 Datasheet HTML 6Page - Linear Technology LTC3704 Datasheet HTML 7Page - Linear Technology LTC3704 Datasheet HTML 8Page - Linear Technology LTC3704 Datasheet HTML 9Page - Linear Technology LTC3704 Datasheet HTML 10Page - Linear Technology LTC3704 Datasheet HTML 11Page - Linear Technology LTC3704 Datasheet HTML 12Page - Linear Technology LTC3704 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC3704
sn3704 3704fs
OPERATIO
minimum on-time (about 175ns). Below this output
current level, the converter will begin to skip cycles in
order to maintain output regulation. Figures 3 and 4 show
the light load switching waveforms for Burst Mode and
Pulse-Skip Mode operation for the converter in Figure 1.
Burst Mode Operation
Burst Mode operation is selected by leaving the MODE/
SYNC pin unconnected or by connecting it to ground. In
normal operation, the range on the ITH pin corresponding
to no load to full load is 0.30V to 1.2V. In Burst Mode
operation, if the error amplifier EA drives the ITH voltage
below 0.525V, the buffered ITH input to the current com-
parator C1 will be clamped at 0.525V (which corresponds
to 25% of maximum load current). The inductor current
peak is then held at approximately 30mV divided by the
power MOSFET RDS(ON). If the ITH pin drops below 0.30V,
the Burst Mode comparator B1 will turn off the power
MOSFET and scale back the quiescent current of the IC to
250
µA(sleepmode).Inthiscondition,theloadcurrentwill
be supplied by the output capacitor until the ITH voltage
rises above the 50mV hysteresis of the burst comparator.
At light loads, short bursts of switching (where the aver-
age inductor current is 25% of its maximum value) fol-
lowed by long periods of sleep will be observed, thereby
greatly improving converter efficiency. Oscilloscope wave-
forms illustrating Burst Mode operation are shown in
Figure 3.
buffered ITH burst clamp is removed, allowing the ITH pin
to directly control the current comparator from no load to
full load. With no load, the ITH pin is driven below 0.30V,
the power MOSFET is turned off and sleep mode is
invoked. Oscilloscope waveforms illustrating this mode of
operation are shown in Figure 4.
10
µs/DIV
3704 F03
Figure 3. LTC3704 Burst Mode Operation
(MODE/SYNC = 0V) at Low Output Current
Figure 4. LTC3704 Low Output Current Operation with Burst
Mode Operation Disabled (MODE/SYNC = INTVCC)
VOUT
50mV/DIV
IL
5A/DIV
MODE/SYNC = 0V
(Burst Mode OPERATION)
VOUT
50mV/DIV
IL
5A/DIV
MODE/SYNC = INTVCC
(PULSE-SKIP MODE)
2
µs/DIV
3704 F04
When an external clock signal drives the MODE/SYNC pin
at a rate faster than the chip’s internal oscillator, the
oscillator will synchronize to it. In this synchronized mode,
Burst Mode operation is disabled. The constant frequency
associated with synchronized operation provides a more
controlled noise spectrum from the converter, at the
expense of overall system efficiency of light loads.
When the oscillator’s internal logic circuitry detects a
synchronizing signal on the MODE/SYNC pin, the internal
oscillator ramp is terminated early and the slope compen-
sation is increased by approximately 30%. As a result, in
applications requiring synchronization, it is recommended
that the nominal operating frequency of the IC be pro-
grammed to be about 75% of the external clock frequency.
Attempting to synchronize to too high an external fre-
quency (above 1.3fO) can result in inadequate slope com-
pensation and possible subharmonic oscillation (or jitter).
The external clock signal must exceed 2V for at least 25ns,
and should have a maximum duty cycle of 80%, as shown
in Figure 5. The MOSFET turn on will synchronize to the
rising edge of the external clock signal.
Pulse-Skip Mode Operation
With the MODE/SYNC pin tied to a DC voltage above 2V,
Burst Mode operation is disabled. The internal, 0.525V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com