Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 2Page - Linear Technology LTC3704 Datasheet HTML 3Page - Linear Technology LTC3704 Datasheet HTML 4Page - Linear Technology LTC3704 Datasheet HTML 5Page - Linear Technology LTC3704 Datasheet HTML 6Page - Linear Technology LTC3704 Datasheet HTML 7Page - Linear Technology LTC3704 Datasheet HTML 8Page - Linear Technology LTC3704 Datasheet HTML 9Page - Linear Technology LTC3704 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC3704
sn3704 3704fs
PI FU CTIO S
RUN (Pin 1): The RUN pin provides the user with an
accurate means for sensing the input voltage and pro-
gramming the start-up threshold for the converter. The
falling RUN pin threshold is nominally 1.248V and the
comparator has 100mV of hysteresis for noise immunity.
When the RUN pin is below this input threshold, the IC is
shut down and the VIN supply current is kept to a low
value (typ 10
µA). The Absolute Maximum Rating for the
voltage on this pin is 7V.
ITH (Pin 2): Error Amplifier Compensation Pin. The cur-
rent comparator input threshold increases with this
control voltage. Nominal voltage range for this pin is 0V
to 1.40V.
NFB (Pin 3): Receives the feedback voltage from the
external resistor divider across the output. Nominal
voltage for this pin in regulation is –1.230V.
FREQ (Pin 4): A resistor from the FREQ pin to ground
programs the operating frequency of the chip. The nomi-
nal voltage at the FREQ pin is 0.62V.
MODE/SYNC (Pin 5): This input controls the operating
mode of the converter and allows for synchronizing the
operating frequency to an external clock. If the MODE/
SYNC pin is connected to ground, Burst Mode operation
is enabled. If the MODE/SYNC pin is connected to INTVCC,
or if an external logic-level synchronization signal is
applied to this input, Burst Mode operation is disabled
and the IC operates in a continuous mode.
GND (Pin 6): Ground Pin.
GATE (Pin 7): Gate Driver Output.
INTVCC (Pin 8): The Internal 5.20V Regulator Output. The
gate driver and control circuits are powered from this
voltage. Decouple this pin locally to the IC ground with a
minimum of 4.7
µF low ESR tantalum or ceramic
capacitor.
VIN (Pin 9): Main Supply Pin. Must be closely decoupled
to ground.
SENSE (Pin 10): The Current Sense Input for the Control
Loop. Connect this pin to the drain of the power MOSFET
for VDS sensing and highest efficiency. Alternatively, the
SENSE pin may be connected to a resistor in the source
of the power MOSFET. Internal leading edge blanking is
provided for both sensing methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com