Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 10Page - Linear Technology LTC3704 Datasheet HTML 11Page - Linear Technology LTC3704 Datasheet HTML 12Page - Linear Technology LTC3704 Datasheet HTML 13Page - Linear Technology LTC3704 Datasheet HTML 14Page - Linear Technology LTC3704 Datasheet HTML 15Page - Linear Technology LTC3704 Datasheet HTML 16Page - Linear Technology LTC3704 Datasheet HTML 17Page - Linear Technology LTC3704 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
LTC3704
sn3704 3704fs
internal ramp compensation (at duty cycles above 50%),
and the converter operation will approach voltage mode
(ramp compensation reduces the gain of the current loop).
If too small an inductor is used, but the converter is still
operating in CCM (near critical conduction mode), the
internal ramp compensation may be inadequate to prevent
subharmonic oscillation. To ensure good current mode
gain and avoid subharmonic oscillation, it is recom-
mended that the ripple current in the inductor fall in the
range of 20% to 40% of the maximum average switch
current. For example, if the maximum average switch
current is 1A, choose a
∆IL between 0.2A and 0.4A, and a
value ‘χ’ between 0.2 and 0.4.
Inductor Selection
Selecting inductors for a positive-to-negative converter is
slightly more complicated than for a single-inductor topol-
ogy like a buck or boost. The use of separate, uncoupled
inductors can reduce the size of the solution, at the
expense of input and output ripple. Using a coupled
inductor complicates the design procedure, but can result
in significantly lower input and/or output ripple. It will also
reduce the number of components that the purchasing
department has to keep track of.
Regardless of the design goals, however, the inductor
selection process is an iterative one. The best recommen-
dation is to use the equations as a guideline, and then to
build a solution and measure the circuit’s performance. If
the measured performance deviates from the design guide-
lines, substitute a bigger (or smaller) inductor, as appro-
priate, and repeat the measurements. In addition, do your
best to minimize layout parasitics, which can have a
significant effect on circuit performance.
The inductor currents for a positive-to-negative converter
are calculated at full load current and minimum input
voltage. The peak inductor currents can be significantly
higher than the output current, especially with smaller
inductors and lighter loads. The following formulae as-
sume uncoupled inductors and CCM operation.
II
D
D
II
L PEAK
O MAX
MAX
MAX
L PEAK
O MAX
1
2
1
21
1
2
()
(
)
()
(
)
••
–
•
=− +


=− +


χ
χ
where “
χ” represents the percentage of ripple current. In
a positive-to-negative converter, however, the switch cur-
rent is the sum of the two inductor currents. Therefore,
II
D
SW PEAK
O MAX
MAX
()
(
)
–•
•
–
=+


1
2
1
1
χ
Since the control loop is looking at the switch current, and
since the internal slope compensation is acting on this
switch current, the ripple current percentage should be
between 20% and 40% of the maximum average current
at VIN(MIN) and IO(MAX). This corresponds to a value of “χ”
in the equations above between 0.20 and 0.40. Expressing
this ripple current as a function of the output current
results in the following equation for calculating the induc-
tor value:
LL
V
If
D
IN MIN
SW
MAX
12
==
()
•
•
∆
where:
∆II
D
SW
O MAX
MAX
= –•
•
–
()
χ
1
1
By using a coupled inductor with a 1:1 turns ratio, the value
of inductance in the equation above can be replaced by 2L
due to mutual inductance. Doing this maintains the same
total ripple current and energy storage in the inductor.
Substituting 2L yields the following equation for 1:1
coupled inductors:
LL
V
If
D
IN MIN
L
MAX
12
2
==
()
••
•
∆
For the case of uncoupled inductors, choose minimum
saturation currents based on the peak currents outlined in
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com