Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 12Page - Linear Technology LTC3704 Datasheet HTML 13Page - Linear Technology LTC3704 Datasheet HTML 14Page - Linear Technology LTC3704 Datasheet HTML 15Page - Linear Technology LTC3704 Datasheet HTML 16Page - Linear Technology LTC3704 Datasheet HTML 17Page - Linear Technology LTC3704 Datasheet HTML 18Page - Linear Technology LTC3704 Datasheet HTML 19Page - Linear Technology LTC3704 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
16
LTC3704
sn3704 3704fs
Another method of choosing which power MOSFET to use
is to check the maximum output current for a given
RDS(ON), since MOSFET on-resistances are generally
available in discrete values.
IV
D
R
O MAX
SENSE MAX
MAX
DS ON
()
()
()
–•
–
••
=
+


1
1
2
χ
ρΤ
For the case where a conventional sense resistor is used,
RV
D
I
SENSE
SENSE MAX
MAX
O MAX
=
+


()
()
•
–
•
1
1
2
χ
Sense resistors are generally low TC and are available with
different ranges of tolerance depending on price. The
power dissipated in the sense resistor is:
PI
R
D
SENSE
SW PEAK
SENSE
MAX
=
() ••
2
Calculating Power MOSFET Switching and Conduction
Losses and Junction Temperatures
In order to calculate the junction temperature of the power
MOSFET, the power dissipated by the device must be
known. This power dissipation is a function of the duty
cycle, the load current and the junction temperature itself
(due to the positive temperature coefficient of its RDS(ON)).
As a result, some iterative calculation is normally required
to determine a reasonably accurate value. Since the
controller is using the MOSFET as both a switching and a
sensing element, care should be taken to ensure that the
converter is capable of delivering the required load current
over all operating conditions (line voltage and tempera-
ture), and for the worst-case specifications for VSENSE(MAX)
and the RDS(ON) of the MOSFET listed in the manufacturer’s
data sheet.
The power dissipated by the MOSFET in a positive-to-
negative converter is:
P
I
D
RD
kV
V
I
D
Cf
FET
OMAX
MAX
DS ON
MAX
T
IN
O
OMAX
MAX
RSS
=
+
–
–
••
•
•(
–
)
•
–
••
()
()
.
()
1
1
2
185
ρ
where IO(MAX) and VO are negative numbers.
The first term in the equation above represents the
I2R losses in the device, and the second term, the switch-
ing losses. The constant, k = 1.7, is an empirical factor
inversely related to the gate drive current and has the
dimension of 1/current.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + PFET • RTH(JA)
Figure 12. Normalized RDS(ON) vs Temperature
Figure 11. Maximum SENSE Threshold Voltage vs Duty Cycle
APPLICATIO S I FOR ATIO
DUTY CYCLE
0
100
150
0.8
3704 F11
50
0
0.2
0.4
0.5
1.0
200
JUNCTION TEMPERATURE (
°C)
–50
1.0
1.5
150
3704 F12
0.5
0
0
50
100
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com