Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 3 Page - Linear Technology

  LTC3704 Datasheet HTML 1Page - Linear Technology LTC3704 Datasheet HTML 2Page - Linear Technology LTC3704 Datasheet HTML 3Page - Linear Technology LTC3704 Datasheet HTML 4Page - Linear Technology LTC3704 Datasheet HTML 5Page - Linear Technology LTC3704 Datasheet HTML 6Page - Linear Technology LTC3704 Datasheet HTML 7Page - Linear Technology LTC3704 Datasheet HTML 8Page - Linear Technology LTC3704 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LTC3704
sn3704 3704fs
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: The LTC3704E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 120°C/W)
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Applications Information.
Note 5: The LTC3704 is tested in a feedback loop that servos VNFB to the
reference voltage with the ITH pin forced to a voltage between 0V and 1.4V
(the no load to full load operating voltage range for the ITH pin is 0.3V to
1.23V).
Note 6: In a synchronized application, the internal slope compensation
gain is increased by 25%. Synchronizing to a significantly higher ratio will
reduce the effective amount of slope compensation, which could result in
subharmonic oscillation for duty cycles greater than 50%.
Note 7: Rise and fall times are measured at 10% and 90% levels.
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = VINTVCC = 5V, VRUN = 1.5V, RFREQ = 80k, VMODE/SYNC = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
fOSC
Oscillator Frequency
RFREQ = 80k
250
300
350
kHz
Oscillator Frequency Range
50
1000
kHz
DMAX
Maximum Duty Cycle
87
92
97
%
fSYNC/fOSC
Recommended Maximum Synchronized
fOSC = 300kHz (Note 6)
1.25
1.30
Frequency Ratio
tSYNC(MIN)
MODE/SYNC Minimum Input Pulse Width
VSYNC = 0V to 5V
25
ns
tSYNC(MAX)
MODE/SYNC Maximum Input Pulse Width
VSYNC = 0V to 5V
0.8/fOSC
ns
VIL(MODE)
Low Level MODE/SYNC Input Voltage
0.3
V
VIH(MODE)
High Level MODE/SYNC Input Voltage
1.2
V
RMODE/SYNC MODE/SYNC Input Pull-Down Resistance
50
k
Ω
VFREQ
Nominal FREQ Pin Voltage
0.62
V
Low Dropout Regulator
VINTVCC
INTVCC Regulator Output Voltage
VIN = 7.5V
5.0
5.2
5.4
V
∆VINTVCC
INTVCC Regulator Line Regulation
7.5V
≤ VIN ≤ 15V
8
25
mV
∆VIN1
∆VINTVCC
INTVCC Regulator Line Regulation
15V
≤ VIN ≤ 30V
70
200
mV
∆VIN2
VLDO(LOAD)
INTVCC Load Regulation
0
≤ IINTVCC ≤ 20mA
– 2
– 0.2
%
VDROPOUT
INTVCC Regulator Dropout Voltage
VIN = 5V, INTVCC Load = 20mA
280
mV
IINTVCC
Bootstrap Mode INTVCC Supply
RUN = 0V, SENSE = 5V
10
20
µA
Current in Shutdown
GATE Driver
tr
GATE Driver Output Rise Time
CL = 3300pF (Note 7)
17
100
ns
tf
GATE Driver Output Fall Time
CL = 3300pF (Note 7)
8
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com