Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 14Page - Linear Technology LTC3704 Datasheet HTML 15Page - Linear Technology LTC3704 Datasheet HTML 16Page - Linear Technology LTC3704 Datasheet HTML 17Page - Linear Technology LTC3704 Datasheet HTML 18Page - Linear Technology LTC3704 Datasheet HTML 19Page - Linear Technology LTC3704 Datasheet HTML 20Page - Linear Technology LTC3704 Datasheet HTML 21Page - Linear Technology LTC3704 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
LTC3704
sn3704 3704fs
I
D
f
V
L
RMS COUT
MAX
O
()
•
(–
)
•
≥
1
12
1
2
It should be noted that these equations assume no cou-
pling between the inductors. If the inductors are wound on
the same core, the ripple currents at the input and output
can be tuned to very low values, and so the equations
above would be extremely conservative. It is highly rec-
ommended that the user experiment in the lab with the
same magnetics and capacitors which will be used in
production.
Note that the ripple current ratings from capacitor manu-
facturers are often based on only 2000 hours of life. This
makes it advisable to further derate the capacitor or to
choose a capacitor rated at a higher temperature than
required. Several capacitors may also be placed in parallel
to meet size or height requirements in the design.
Manufacturers such as Nichicon, United Chemicon and
Sanyo should be considered for high performance through-
hole capacitors. The OS-CON semiconductor dielectric
capacitor available from Sanyo has the lowest product of
ESR and size of any aluminum electrolytic, at a somewhat
higher price.
In surface mount applications, multiple capacitors may
have to be placed in parallel in order to meet the ESR or
RMS current handling requirements of the application.
APPLICATIO S I FOR ATIO
Table 1. Recommended Component Manufacturers
VENDOR
COMPONENTS
TELEPHONE
WEB ADDRESS
AVX
Capacitors
(207) 282-5111
avxcorp.com
BH Electronics
Inductors, Transformers
(952) 894-9590
bhelectronics.com
Coilcraft
Inductors
(847) 639-6400
coilcraft.com
Coiltronics
Inductors
(407) 241-7876
coiltronics.com
Diodes, Inc
Diodes
(805) 446-4800
diodes.com
Fairchild
MOSFETs
(408) 822-2126
fairchildsemi.com
General Semiconductor
Diodes
(516) 847-3000
generalsemiconductor.com
International Rectifier
MOSFETs, Diodes
(310) 322-3331
irf.com
IRC
Sense Resistors
(361) 992-7900
irctt.com
Kemet
Tantalum Capacitors
(408) 986-0424
kemet.com
Magnetics Inc
Toroid Cores
(800) 245-3984
mag-inc.com
Microsemi
Diodes
(617) 926-0404
microsemi.com
Murata-Erie
Inductors, Capacitors
(770) 436-1300
murata.co.jp
Nichicon
Capacitors
(847) 843-7500
nichicon.com
On Semiconductor
Diodes
(602) 244-6600
onsemi.com
Panasonic
Capacitors
(714) 373-7334
panasonic.com
Sanyo
Capacitors
(619) 661-6835
sanyo.co.jp
Sumida
Inductors
(847) 956-0667
sumida.com
Taiyo Yuden
Capacitors
(408) 573-4150
t-yuden.com
TDK
Capacitors, Inductors
(562) 596-1212
component.tdk.com
Thermalloy
Heat Sinks
(972) 243-4321
aavidthermalloy.com
Tokin
Capacitors
(408) 432-8020
tokin.com
Toko
Inductors
(847) 699-3430
tokoam.com
United Chemicon
Capacitors
(847) 696-2000
chemi-com.com
Vishay/Dale
Resistors
(605) 665-9301
vishay.com
Vishay/Siliconix
MOSFETs
(800) 554-5565
vishay.com
Vishay/Sprague
Capacitors
(207) 324-4140
vishay.com
Zetex
Small-Signal Discretes
(631) 543-7100
zetex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com