Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 26 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC3704 Datasheet HTML 20Page - Linear Technology LTC3704 Datasheet HTML 21Page - Linear Technology LTC3704 Datasheet HTML 22Page - Linear Technology LTC3704 Datasheet HTML 23Page - Linear Technology LTC3704 Datasheet HTML 24Page - Linear Technology LTC3704 Datasheet HTML 25Page - Linear Technology LTC3704 Datasheet HTML 26Page - Linear Technology LTC3704 Datasheet HTML 27Page - Linear Technology LTC3704 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
26
LTC3704
sn3704 3704fs
+
RUN
ITH
NFB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC3704
RT
120k
f = 200kHz
* VP5-0155 (PRIMARY = 3 WINDINGS IN PARALLEL)
C1
4.7
µF
10V
X5R
+
CIN
220
µF
16V
TPS
C3
10
µF
25V
X5R
IRL2910
RS
0.012
Ω
D3
10BQ060
5
•
•
VIN
7V TO 12V
T1*
1, 2, 3
RC
82k
CC1
1nF
CC2
100pF
CR
1nF
R1
49.9k
1%
R2
150k
1%
D4
10BQ060
6
•
D2
10BQ060
4
•
+
C4
10
µF
25V
X5R
+
COUT
3.3
µF
100V
GND
VOUT1
–24V
200mA
VOUT2
–72V
200mA
+
C5
10
µF
25V
X5R
+
C2
4.7
µF
50V
X5R
RFB1
2.49k
1%
RFB2
45.3k
1%
UV + = 5.4V
UV – = 5.0V
3704 F29
Figure 29. High Power SLIC Supply
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com