Electronic Components Datasheet Search
  English  ▼

X  

LTC3704 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3704
Description  Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3704 Datasheet(HTML) 1 Page - Linear Technology

  LTC3704 Datasheet HTML 1Page - Linear Technology LTC3704 Datasheet HTML 2Page - Linear Technology LTC3704 Datasheet HTML 3Page - Linear Technology LTC3704 Datasheet HTML 4Page - Linear Technology LTC3704 Datasheet HTML 5Page - Linear Technology LTC3704 Datasheet HTML 6Page - Linear Technology LTC3704 Datasheet HTML 7Page - Linear Technology LTC3704 Datasheet HTML 8Page - Linear Technology LTC3704 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC3704
sn3704 3704fs
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
Wide Input Range, No RSENSE
TM
Positive-to-Negative DC/DC Controller
The LTC
®3704 is a wide input range, current mode,
positive-to-negative DC/DC controller that drives an
N-channel power MOSFET and requires very few external
components. Intended for low to high power applications,
it eliminates the need for a current sense resistor by
utilizing the power MOSFET’s on-resistance, thereby maxi-
mizing efficiency.
The IC’s operating frequency can be set with an external
resistor over a 50kHz to 1MHz range, and can be synchro-
nized to an external clock using the MODE/SYNC pin.
Burst Mode operation at light loads, a low minimum
operating supply voltage of 2.5V and a low shutdown
quiescent current of 10
µA make the LTC3704 ideally
suited for battery-operated systems.
For applications requiring constant frequency operation,
the Burst Mode operation feature can be defeated using
the MODE/SYNC pin. Higher than 36V switch voltage
applications are possible with the LTC3704 by connecting
the SENSE pin to a resistor in the source of the power
MOSFET.
The LTC3704 is available in the 10-lead MSOP package.
s
High Efficiency Operation (No Sense
Resistor Required)
s
Wide Input Voltage Range: 2.5V to 36V
s
Current Mode Control Provides Excellent Transient
Response
s
High Maximum Duty Cycle (Typ 92%)
s
±1% Internal Voltage Reference
s
±2% RUN Pin Threshold with 100mV Hysteresis
s
Micropower Shutdown: IQ = 10µA
s
Programmable Switching Frequency
(50kHz to 1MHz) with One External Resistor
s
Synchronizable to an External Clock Up to 1.3
× fOSC
s
User-Controlled Pulse Skip or Burst Mode
® Operation
s
Internal 5.2V Low Dropout Voltage Regulator
s
Capable of Operating with a Sense Resistor for High
Output Voltage Applications (VDS >36V)
s
Small 10-Lead MSOP Package
s
SLIC Power Supplies
s
Telecom Power Supplies
s
Portable Electronic Equipment
s
Cable and DSL Modems
s
Router Supplies
Burst Mode is a registered trademark of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
RUN
ITH
NFB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC3704
RT
80.6k
1%
R1
1M
CVCC
4.7
µF
M1
CIN, CDC : TDK C5750X5R1C476M
COUT: TDK C5750X5R0J107M
CVCC: TAIYO YUDEN LMK316BJ475ML
D1
•
L1*
L2*
COUT
100
µF
(X2)
VIN
5V to 15V
VOUT
–5.0V
3A to 5A
GND
D1: MBRD835L (ON SEMICONDUCTOR)
L1, L2: BH ELECTRONICS BH510-1009
M1: Si4884 (SILICONIX/VISHAY)
RC
3k
CC1
4.7nF
CIN
47
µF
1
2
3
4
5
6
7
8
10
9
CDC
47
µF
3704 TA01
•
RFB1
1.21k
1%
RFB2
3.65k
1%
Conversion Efficiency
OUTPUT CURRENT (A)
0.001
0.1
10
100
90
80
70
60
50
40
30
20
3704 TA01b
0.01
1.0
VIN = 15V
VIN = 5V
VIN = 10V
Figure 1. High Efficiency Positive to Negative Supply


Similar Part No. - LTC3704

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3704 LINER-LTC3704 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC3704 LINER-LTC3704 Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC3704 LINER-LTC3704_15 Datasheet
331Kb / 28P
Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
More results

Similar Description - LTC3704

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU3065 IRF-IRU3065 Datasheet
229Kb / 15P
POSITIVE TO NEGATIVE DC TO DC CONTROLLER
logo
Linear Technology
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC1909-8 LINER-LTC1909-8 Datasheet
643Kb / 32P
Wide Operating Range,No RSENSE TM Step-Down DC/DC Controller with SMBus Programming
LTC1778EGN LINER-LTC1778EGN Datasheet
254Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC1778 LINER-LTC1778_15 Datasheet
272Kb / 24P
Wide Operating Range, No RSENSE Step-Down Controller
LTC3704 LINER-LTC3704_15 Datasheet
331Kb / 28P
Wide Input Range, No RSENSE Positive-to-Negative DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC1909-8 LINER-LTC1909-8_15 Datasheet
648Kb / 32P
Wide Operating Range, No RSENSE Step-Down DC/DC Controller with SMBus Programming
LTC3878 LINER-LTC3878_15 Datasheet
408Kb / 26P
Fast, Wide Operating Range No RSENSE Step-Down DC/DC Controller
logo
Analog Devices
ADP1851 AD-ADP1851 Datasheet
1Mb / 24P
Wide Range Input, Synchronous, Step-Down DC-to-DC Controller
4/2019-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com