Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5514 Datasheet HTML 3Page - Linear Technology LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT5514
5514f
TYPICAL PERFOR A CE CHARACTERISTICS
Harmonic Distortion vs Attenuation
Step at POUT = 7dBm,
Freq = 50MHz, ROUT = 200Ω
Harmonic Distortion vs POUT at
50MHz, Max Gain, ROUT = 200Ω
(Standard Mode) TA = 25°C, VCC = 5V, VCCO = 5V,
ENA = ENB = 3V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. (Test circuit shown in Figure 9)
Harmonic Distortion vs POUT at
50MHz, Max Gain, ROUT = 100Ω
Minimum Gain vs VCC at 120MHz,
ROUT = 100Ω
Harmonic Distortion vs
Attenuation Step at POUT = 7dBm,
Freq = 50MHz, ROUT = 200Ω
VCC (V)
4.5
7.4
7.6
7.8
5.3
5514 G10
7.2
7.0
4.7
4.9
5.1
5.5
6.8
6.6
6.4
25
°C
85
°C
–40
°C
Maximum Gain vs VCC at
120MHz, ROUT = 100Ω
VCC (V)
4.5
30.0
30.2
30.4
5.3
5514 G11
29.8
29.6
4.7
4.9
5.1
5.5
29.4
29.2
29.0
25
°C
85
°C
–40
°C
ATTENUATION STEP (dB)
0
–78
–75
–72
915
5514 G12
–81
–84
36
12
18
21
–87
–90
HD2
FIGURE 10 TEST CIRCUIT
HD3
PGA0 = LOW
HD3
PGA0 = HIGH
ATTENUATION STEP (dB)
0
–78
–75
–72
915
5514 G12
–81
–84
36
12
18
21
–87
–90
HD2
HD3
PGA0 = LOW
HD3
PGA0 = HIGH
POUT (dBm)
–3
–70
–55
–50
21
5514 G14
–75
–80
–100
3
9
15
0
6
12
18
–90
–40
–45
–60
–65
–85
–95
HD2
HD3
HD4
HD5
POUT (dBm)
–5
–70
–55
–50
19
5514 G15
–75
–80
–100
1
7
13
–2
4
10
16
–90
–40
–45
–60
–65
–85
–95
HD2
HD3
HD4
HD5
FREQUENCY (MHz)
0
6.0
6.5
7.0
7.5
8.0
100
200
300
400
5514 G16
8.5
9.0
50
150
250
350
MAX GAIN
FIGURE 10 TEST CIRCUIT
1.5dB ATTENUATION STEP
(PGA0 = LOW)
3dB ATTENUATION STEP
(PGA1 = LOW)
ATTENUATION STEP (dB)
0
18
24
30
15
5514 G17
12
6
15
21
27
9
3
0
369
12
18
21
FIGURE 10 TEST CIRCUIT
ATTENUATION STEP (dB)
0
–139
–138
–137
–136
–135
–133
3
69
12
5514 G18
18
15
21
–134
PGA1 = HIGH
FIGURE 10 TEST CIRCUIT
PGA1 = LOW
NF vs Attenuation Step at
Freq = 100MHz
Output Noise Floor vs Attenuation
Step, Freq = 100MHz, ROUT = 200Ω
Noise Figure vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com