Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 4 Page - Linear Technology

  LT5514 Datasheet HTML 1Page - Linear Technology LT5514 Datasheet HTML 2Page - Linear Technology LT5514 Datasheet HTML 3Page - Linear Technology LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LT5514
5514f
(Standard Mode)
VCC = 5V, VCCO = 5V, ENA = ENB = 3V, TA = 25°C, ROUT = 200Ω. Maximum gain specifications are with respect to differential inputs
and differential outputs, unless otherwise noted. (Note 7) (Test circuits shown in Figures 9 and 10)
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Dynamic Performance
BW
Large-Signal –3dB Bandwidth
All Gain Settings (Note 8)
ROUT = 100Ω
LF to 850
MHz
ROUT = 200Ω; L1, L2 = 33nH (Figure 9)
LF to 500
MHz
POUT(MAX) Clipping Limited Maximum Sinusoidal
All Gain Settings, Single Tone, ROUT = 150Ω
21
dBm
Output Power
fIN = 100MHz (Note 10)
gm
Amplifier Transconductance
Max Gain, fIN = 100MHz
0.30
S
PGA1 = Low, fIN = 100MHz
0.21
S
S12
Reverse Isolation
fIN = 100MHz (Note 9)
–92
dB
fIN = 400MHz (Note 9)
–78
dB
tr, tf
Step Response Rise and Fall Time
All Gain Settings, 10% to 90%, ROUT = 100Ω
500
ps
Group Delay
All Gain Settings, ROUT = 100Ω
800
ps
Group Delay Variation
30MHz to 300MHz Frequency Range,
±50
ps
ROUT = 100Ω
PGA Settling Time
500
ns
Enable/Disable Time
600
ns
Distortion and Noise
OIP3
Output Third Order Intercept Point for
POUT = 9dBm (Each Tone), 200kHz Tone Spacing
PGA0 = High (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+47.0
dBm
fIN = 200MHz
+40.5
dBm
Output Third Order Intercept Point for
POUT = 9dBm (Each Tone), 200kHz Tone Spacing
PGA0 = Low (PGA1, PGA2, PGA3 Any State)
fIN = 100MHz
+42.0
dBm
fIN = 200MHz
+37.5
dBm
HD2
Second Harmonic Distortion
POUT = 11dBm (Single Tone), fIN = 50MHz
–82
dBc
HD3
Third Harmonic Distortion
POUT = 11dBm (Single Tone), fIN = 50MHz
–72
dBc
NFLOOR
Output Noise Floor
PGA1 = High, fIN = 100MHz
–134
dBm/Hz
(PGAO, PGA2, PGA3 Any State)
PGA1 = Low, fIN = 100MHz
–136
dBm/Hz
NF
Noise Figure
Max Gain, fIN = 100MHz
7.4
dB
–3dB Step, fIN = 100MHz
7.7
dB
Amplifier Power Gain and Gain Step
GMAX
Maximum Gain
fIN = 20MHz and 200MHz
33
dB
GMIN
Minimum Gain
fIN = 20MHz and 200MHz
10.5
dB
GSTEP
Gain Step Size
fIN = 20MHz and 200MHz
1.05
1.5
1.95
dB
Gain Step Accuracy
fIN = 20MHz and 200MHz
±0.1
dB
Amplifier I/O Impedance (Parallel Values Specified Differentially)
RIN
Input Resistance
fIN = 100MHz
108
Ω
CIN
Input Capacitance
fIN = 100MHz
2.8
pF
RO
Output Resistance
fIN = 100MHz
3.4
k
Ω
CO
Output Capacitance
fIN = 100MHz
1.9
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com