Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 19 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT5514 Datasheet HTML 12Page - Linear Technology LT5514 Datasheet HTML 13Page - Linear Technology LT5514 Datasheet HTML 14Page - Linear Technology LT5514 Datasheet HTML 15Page - Linear Technology LT5514 Datasheet HTML 16Page - Linear Technology LT5514 Datasheet HTML 17Page - Linear Technology LT5514 Datasheet HTML 18Page - Linear Technology LT5514 Datasheet HTML 19Page - Linear Technology LT5514 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
19
LT5514
5514f
APPLICATIO S I FOR ATIO
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
At high frequency, the difference between the top and
bottom curves in Figure 12 is simply power loss. Starting
from the LT5514 intrinsic performance at ROUT = 200Ω
(top curve), the next lower curve takes into account the
transformer insertion loss. The next curve below this
shows the LT5514 OIP3 with ROUT = 100Ω. The bottom
curve in the plot includes the effects of transformer
insertion loss, with ROUT = 100Ω, and the additional effect
of loss due to RMATCH.
The transformer board can provide a differential output
when Jumper J2 is removed.
The Wideband Differential Output Application Board (Fig-
ure 11) is an example of direct coupling (no transformer)
to the load, and has wider output bandwidth. This board
gives direct access to the LT5514’s output pins, and was
used for stability tests. Higher VOSUP (7V) is required to
compensate for the DC voltage drop on R1 and R2. Use
TP2, TP3 to monitor the actual LT5514 output bias volt-
age. By replacing R1 and R2 with inductors, this board can
operate with a 5V supply. However, this may limit the
minimum signal frequency. For example, an 820nH choke
inductor will limit the lowest signal frequency to 40MHz.
PACKAGE DESCRIPTIO
FE Package
20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663)
Exposed Pad Variation CB
FE20 (CB) TSSOP 0204
0.09 – 0.20
(.0035 – .0079)
0
° – 8°
0.25
REF
RECOMMENDED SOLDER PAD LAYOUT
0.50 – 0.75
(.020 – .030)
4.30 – 4.50*
(.169 – .177)
13
4
5
6 7 89 10
11
12
14 13
6.40 – 6.60*
(.252 – .260)
3.86
(.152)
2.74
(.108)
20 1918 17 16 15
1.20
(.047)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.195 – 0.30
(.0077 – .0118)
TYP
2
2.74
(.108)
0.45
±0.05
0.65 BSC
4.50
±0.10
6.60
±0.10
1.05
±0.10
3.86
(.152)
MILLIMETERS
(INCHES)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
SEE NOTE 4
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT
6.40
(.252)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com