Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 16 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT5514 Datasheet HTML 12Page - Linear Technology LT5514 Datasheet HTML 13Page - Linear Technology LT5514 Datasheet HTML 14Page - Linear Technology LT5514 Datasheet HTML 15Page - Linear Technology LT5514 Datasheet HTML 16Page - Linear Technology LT5514 Datasheet HTML 17Page - Linear Technology LT5514 Datasheet HTML 18Page - Linear Technology LT5514 Datasheet HTML 19Page - Linear Technology LT5514 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT5514
5514f
For example, for ROUT = 200Ω, L1, L2 = 33nH results in
500MHz bandwidth.
The series inductor can extend the application bandwidth,
but it provides no improvement in linearity performance.
Series inductance may also produce peaking in the AC
response. This can be the case when (high Q) choke
inductors are used in an output interface such as in
Figure 5, and the PCB trace (connection) to the load is too
long. Since the LT5514’s output impedance is relatively
high, the PCB trace acts as a series inductor. The most
direct solution is to shorten the connection lines by
placing the driver closer to the load. Another solution to
flatten the AC response is to place resistance close to the
LT5514 outputs. In this way the connection line behaves
more like a terminated transmission line, and the AC
peaking due to the capacitive load can be removed.
Bandpass Applications
For narrow band IF applications, the LT5514’s output
capacitance and the application load capacitance can be
incorporated as part of an LC impedance transformation
network, giving improved linearity performance for signal
frequencies greater than 100MHz. Figure 8 is an example
of such a network.
The network consists of two parallel resonant LC tank
circuits critically coupled by capacitors C1 and C2. The
ROUT to RLOAD transformation ratio in this particular
implementation is 2. The choice of impedance transfor-
mation ratio is more flexible than in the wideband case.
The LC network is a bandpass filter, a useful feature in
many applications.
A variety of bandpass matching network configurations
are conceivable, depending on the requirements of the
particular application. The design of these networks is
facilitated by the fact that the LT5514 outputs are not
destabilized by reactive loading.
Note that these LC networks may distort the output signal
if their amplitude and phase response exhibit nonlinear
behavior. For example, if resistors R1 and R2 in Figure 5
are replaced with LC resonant tank circuits, then severe
OIP3 degradation may occur (e.g., 4dB to 6dB at 200MHz).
Low Output Noise Floor Applications
In some applications the maximum output noise floor is
specified. The LT5514 output noise floor is elevated above
the available noise power (–174dBm/Hz into 50
Ω) by the
NF + Gain. Consequently, reduction of the LT5514’s power
gain is the only way to reduce the output noise floor.
In fixed gain applications, the LT5514 can be set to 3dB
attenuation relative to maximum gain. As shown in the
Typical Performance Characteristics, this gives a 2.8dB
reduction in the output noise floor with no loss of linearity.
In general, the output noise floor can be reduced by
decreasing ROUT (and hence power gain), at the cost of
reduced OIP3.
In some situations, it may be feasible to use two LT5514
parts in parallel. In this case, the effective gm doubles,
APPLICATIO S I FOR ATIO
–
+
100
C9
0.33
µF
T1
1:2
DUT
LT5514
ROUT
200
Ω
IN+
IN–
C8
0.1
µF
PGA0 PGA1 PGA2 PGA3
RSRC
50
Ω
VSRC
VCC
ENA
ENB
RLOAD
100
Ω
C6
2.2pF
GAIN = 33dB
OIP3 (LOAD) = +41dBm
UP TO 9dBm PER TONE
1dB BANDWIDTH:
fL = 130MHz
fU = 220MHz
C1
12pF
L6
56nH
L3
56nH
L5
56nH
C7
0.1
µF
NOTE:
C3 + CLOAD = 12pF
C4 + CLOAD = 12pF
C5
5.6pF
C4
C3
C2
12pF
L4
56nH
RLOAD
50
Ω
CLOAD
5514 F08
CLOAD
VOSUP
RLOAD
50
Ω
TC2-1T
Figure 8. Bandpass Output Transformation Network Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com