Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 3 Page - Linear Technology

  LT5514 Datasheet HTML 1Page - Linear Technology LT5514 Datasheet HTML 2Page - Linear Technology LT5514 Datasheet HTML 3Page - Linear Technology LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT5514
5514f
VCC = 5V, VCCO = 5V, ENA = ENB = 3V, TA = 25°C, unless otherwise
noted. (Note 7) (Test circuits shown in Figures 9 and 10)
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Normal Operating Conditions
VCC
Supply Voltage (Pins 2, 19)
(Note 4)
4.75
5
5.25
V
VCCO
OUT+, OUT– Output Pin DC Common Mode Voltage
OUT+, OUT– Connected to VOSUP via
3
5
6
V
Choke Inductors or Resistors (Note 5)
VOUT
OUT+, OUT– Pin Instantaneous Voltage with
Min/Max Limits Apply
2
8
V
Respect to GND
Shutdown DC Characteristics, ENA = ENB = 0.6V
VIN(BIAS)
IN+, IN– Bias Voltage
Max Gain (Note 6)
1.15
1.3
1.5
V
IIL(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 0.6V
20
µA
IIH(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 5V
20
µA
IOUT
OUT+, OUT– Current
All Gain Settings
20
µA
ICC
VCC Supply Current
All Gain Settings (Note 4)
44
100
µA
Enable and PGA Inputs DC Characteristics
VIL
ENA, ENB and PGAx Input Low Voltage
x = 0, 1, 2, 3
0.6
V
VIH
ENA, ENB and PGAx Input High Voltage
x = 0, 1, 2, 3
3
V
IIL(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 0.6V
20
µA
IIH(PGA)
PGAO, PGA1, PGA2, PGA3 Input Current
VIN = 3V and 5V
15
30
µA
IIL(EN)
ENA, ENB Input Current
VIN = 0.6V
4
20
µA
IIH(EN)
ENA, ENB Input Current
VIN = 3V
18
µA
VIN = 5V
38
100
µA
Standard Mode DC Characteristics, ENA = ENB = 3V
VIN(BIAS)
IN+, IN– Bias Voltage
Max Gain (Note 6)
1.34
1.49
1.65
V
RIN
Input Differential Resistance
All Gain Settings (DC)
108
Ω
gm
Amplifier Transconductance
Max Gain
0.3
S
IOUT
OUT+, OUT– Quiescent Current
All Gain Settings, VOUT = 5V
33
40
47
mA
IOUT(OFFSET) Output Current Mismatch
All Gain Settings, IN+, IN– Open
200
µA
ICC
VCC1 + VCC2 Supply Current
Max Gain (Note 4)
64
75
mA
Min Gain (Note 4)
68
80
mA
ICC(TOTAL)
Total Supply Current
ICC + 2 • IOUT (Max Gain)
148
174
mA
Low Power Mode DC Characteristics, ENA = O.6V, ENB = 3V or ENA = 3V, ENB = 0.6V
VIN(BIAS)
IN+, IN– Bias Voltage
Max Gain (Note 6)
1.34
1.48
1.65
V
RIN
Input Differential Resistance
All Gain Settings (DC)
122
Ω
gm
Amplifier Transconductance
Max Gain
0.15
S
IOUT
OUT+, OUT– Quiescent Current
All Gain Settings, VOUT = 5V
17
20
24
mA
IOUT(OFFSET) Output Current Mismatch
All Gain Settings, IN+, IN– Open
100
µA
ICC
VCC1 + VCC2 Supply Current
Max Gain (Note 4)
34
40
mA
Min Gain (Note 4)
36
43
mA
ICC(TOTAL)
Total Supply Current
ICC + 2 • IOUT (Max Gain)
76
91
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com