Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology LT5514 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT5514
5514f
ATTENUATION STEP (dB)
0
38
39
40
41
3
69
12
5514 G25
15
18
21
85
°C
25
°C
–40
°C
OIP3 vs Frequency at PIN = –23dBm
Max Gain, ROUT = 200Ω
OIP3 vs Attenuation Step at
Freq = 100MHz, PIN = –23dB,
ROUT = 200Ω
ICC Shutdown Current vs VCC,
ENA = ENB = 0.6V
OIP3 vs Frequency at PIN = –23dBm
Max Gain, ROUT = 100Ω
OIP3 vs Frequency at PIN = –23dBm
Max Gain and 1.5dB Attenuation
Step, ROUT = 200Ω
Total ICC vs Attenuation Step
TYPICAL PERFOR A CE CHARACTERISTICS (Standard Mode) Two tones, 200kHz spacing,
TA = 25°C, ENA = ENB = 5V, VCC = 5V, VCCO = 3V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. (Test circuit shown
in Figure 10)
FREQUENCY (MHz)
0
48
51
57
150
5514 G19
45
42
50
100
200
39
36
54
25
°C
–40
°C
85
°C
FREQUENCY (MHz)
0
48
51
57
150
5514 G20
45
42
50
100
200
39
36
54
25
°C
–40
°C
85
°C
FREQUENCY (MHz)
0
48
51
57
150
5514 G21
45
42
50
100
200
39
36
54
MAX GAIN
1.5dB
ATTENUATION
STEP
ATTENUATION STEP (dB)
0
46
47
48
21
1544 G22
44
41
36
9
12
15
18
49
45
43
42
3dB ATTENUATION STEP
(PGA0 = HIGH)
1.5dB ATTENUATION STEP
(PGA0 = LOW)
INPUT VCC (V)
4.5
50
60
70
25
°C
85
°C
–40
°C
5.3
5514 G23
40
30
4.7
4.9
5.1
5.5
20
10
0
ATTENUATION STEP (dB)
0
130
135
140
145
150
160
3
69
12
5514 G24
15
18
21
155
85
°C
25
°C
–40
°C
Single-Ended Output Current
vs Attenuation Step
ATTENUATION STEP (dB)
0
1.40
1.50
1.45
1.55
1.60
3
69
12
5514 G26
15
18
21
85
°C
25
°C
–40
°C
VIN(BIAS) vs Attenuation Step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com