Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 6 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5514 Datasheet HTML 2Page - Linear Technology LT5514 Datasheet HTML 3Page - Linear Technology LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT5514
5514f
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response for All Gain
Steps, ROUT = 100Ω
Frequency Response for All Gain
Steps, ROUT = 200Ω
(Standard Mode) TA = 25°C, VCC = 5V, VCCO = 5V,
ENA = ENB = 3V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. (Test circuit shown in Figure 9)
Frequency Response at 3dB
Attenuation Step with COUT as
Parameter, ROUT = 200Ω
Max Gain Frequency Response
with COUT as Parameter,
ROUT = 200Ω
Gain Error vs Attenuation at
25MHz, ROUT = 200Ω
Gain Error vs Attenuation at
100MHz, ROUT = 200Ω
FREQUENCY (MHz)
10
0
3
12
18
24
100
1000
5514 G01
6
15
21
30
33
27
9
FREQUENCY (MHz)
10
0
3
12
18
24
100
1000
5514 G02
6
15
21
30
36
33
27
9
FREQUENCY (MHz)
10
0
9
15
21
30
100
1000
5514 G03
3
12
18
27
36
33
24
6
COUT = OPEN
COUT = 2.2pF
COUT = 4.7pF
COUT = 10pF
COUT = 22pF
FREQUENCY (MHz)
10
0
9
15
21
30
100
1000
5514 G04
3
12
18
27
36
33
24
6
COUT = OPEN
COUT = 2.2pF
COUT = 4.7pF
COUT = 10pF
COUT = 22pF
ATTENUATION STEP (dB)
0
0.2
0.4
0.6
21
1544 G05
–0.2
–0.8
36
9
12
15
18
0.8
0
–0.4
–0.6
25
°C
–40
°C
85
°C
ATTENUATION STEP (dB)
0
0.2
0.4
0.6
21
1544 G06
–0.2
–0.8
36
9
12
15
18
0.8
0
–0.4
–0.6
25
°C
–40
°C
85
°C
FREQUENCY (MHz)
10
27
30
33
36
100
1000
5514 G07
25
°C
–40
°C
85
°C
ROUT = 200Ω
ROUT = 100Ω
FREQUENCY (MHz)
10
4
7
10
13
100
1000
5514 G08
25
°C
–40
°C
85
°C
ROUT = 200Ω
ROUT = 100Ω
PIN (dBm)
–31
–5
0
5
10
15
–25
–19
–13
–7
5514 G09
20
25
–28
–22
–16
–10
STANDARD
ROUT = 200Ω
STANDARD
ROUT = 100Ω
LOW POWER
ROUT = 200Ω
Minimum Gain vs Frequency,
ROUT = 100Ω and 200Ω
Maximum Gain vs Frequency,
ROUT = 100Ω and 200Ω
POUT vs PIN at 50MHz, Max Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com