Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 11 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology LT5514 Datasheet HTML 12Page - Linear Technology LT5514 Datasheet HTML 13Page - Linear Technology LT5514 Datasheet HTML 14Page - Linear Technology LT5514 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT5514
5514f
PI FU CTIO S
ENA (Pin 1): Enable Pin for Amplifier A. When the input
voltage is higher than 3V, amplifier A is turned on. When
the input voltage is less than or equal to 0.6V, amplifier A
is turned off. This pin is internally pulled to ground if not
connected.
VCC1(Pin2):PowerSupply.Thispinisinternallyconnected
to VCC2 (Pin 19). Decoupling capacitors (1000pF and 0.1µF
for example) may be required in some applications.
GND (Pins 3, 4, 7, 8, 13, 14, 17, 18): Ground.
IN+ (Pin 5): Positive Signal Input Pin with Internal DC
Bias.
IN– (Pin 6): Negative Signal Input Pin with Internal DC
Bias.
PGA0 (Pin 9): Amplifier PGA Control Input Pin for the
1.5dB Attenuation Step (see Programmable Gain table).
Input is high when input voltage is greater than 3V. Input
is low when input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA1 (Pin 10): Amplifier PGA Control Input Pin for the
3dB Attenuation Step (see Programmable Gain table).
Input is high when input voltage is greater than 3V. Input
is low when input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA2 (Pin 11): Amplifier PGA Control Input Pin for the
6dB Attenuation Step (see Programmable Gain table).
Input is high when input voltage is greater than 3V. Input
is low when input voltage is less than or equal to 0.6V. This
pin is internally pulled to ground if not connected.
PGA3 (Pin 12): Amplifier PGA Control Input Pin for 12dB
Attenuation Step (see Programmable Gain table). Input is
high when input voltage is greater than 3V. Input is low
when input voltage is less than or equal to 0.6V. This pin
is internally pulled to ground if not connected.
OUT+ (Pin 15): Positive Amplifier Output. A transformer
with center tap tied to VCC or a choke inductor is recom-
mended to source the DC quiescent current.
OUT– (Pin 16): Negative Amplifier Output. A transformer
with center tap tied to VCC or a choke inductor is recom-
mended to source the DC quiescent current.
VCC2 (Pin 19): Power Supply. This pin is internally con-
nected to VCC1 (Pin 2).
ENB (Pin 20): Enable Pin for Amplifier B. When the input
voltage is higher than 3V, amplifier B is turned on. When
the input voltage is less than or equal to 0.6V, amplifier B
is turned off. This pin is internally pulled to ground if not
connected.
Exposed Pad (Pin 21): Ground. This pin must be soldered
to the printed circuit board ground plane for good heat
transfer.
BLOCK DIAGRA
AMPLIFIER A
OUT+
AMPLIFIER B
1
15
OUT–
16
20
ENABLE
CONTROL
ENA
21
5514 F01
ENB
9
10
GAIN CONTROL
LOGIC
ATTENUATOR
LT5514
PGA0
PGA1
11
12
PGA2
PGA3
19
2
6
5
VOLTAGE REGULATOR
AND BIAS
VCC2
VCC1
IN+
IN–
GND (3, 4, 7, 8
13, 14, 17, 18)
RIN
100
Ω
Figure 1. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com