Electronic Components Datasheet Search
  English  ▼

X  

LT5514 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5514
Description  Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology LT5514 Datasheet HTML 12Page - Linear Technology LT5514 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT5514
5514f
TYPICAL PERFOR A CE CHARACTERISTICS
Pulse Response vs COUT at Max
Gain. Output Level is 2VP-P into
50
Ω External Load
(Standard Mode) TA = 25°C, VCC = 5V, VCCO = 5V,
ENA = ENB = 3V, control input levels VIL = 0.6V, VIH = 3V unless otherwise noted. Test circuit shown in Figure 10 unless otherwise
noted. Note 1: Subtract 0.75ns calibration delay from output plots to estimate the LT5514 group delay. Note 2: When specified, COUT
is connected differentially across the LT5514 OUT+, OUT– output pins.
2ns/DIV
5514 G27
0pF
22pF TO
GROUND
EACH
OUTPUT
COUT
0pF
1pF
1.8pF
3.3pF
4.7pF
6.8pf
10pF
11pF
18pF
INPUT
RMATCH = 255Ω
2ns/DIV
5514 G28
4VP-P
3VP-P
2VP-P
INPUTS
COUT = 0.82pF
1ns/DIV
5514 G29
MAX GAIN
1.5dB STEP
3dB STEP
6dB STEP
12dB STEP
INPUT
Pulse Response vs Output Level at
Max Gain. Indicated Voltage
Levels are into 50
Ω External Load
Pulse Response vs Attenuation,
Output Level is 4VP-P at Max Gain
into 50
Ω External Load
Pulse Response vs Attenuation,
Output Level is 2VP-P at Max Gain
into 50
Ω External Load
1ns/DIV
5514 G30
MAX GAIN
1.5dB STEP
3dB STEP
6dB STEP
12dB STEP
INPUT
RMATCH = 255Ω
Pulse Response vs Attenuation,
Output Level is 2VP-P at Max Gain
into 50
Ω External Load
1ns/DIV
5514 G31
MAX GAIN
1.5dB STEP
3dB STEP
6dB STEP
12dB STEP
INPUT
RMATCH = 255Ω, COUT = 1.8pF
Pulse Response vs Attenuation,
LT5514 Levels are: VIN = 66mVP-P,
VOUT = 2VP-P at Max Gain
1ns/DIV
5514 G32
MAX GAIN
1.5dB STEP
3dB STEP
6dB STEP
12dB STEP
INPUT
ROUT = 100Ω
FIGURE 9 TEST CIRCUIT
Pulse Response vs Attenuation,
LT5514 Levels are: VIN = 66mVP-P,
VOUT = 4VP-P at Max Gain
1ns/DIV
5514 G33
MAX GAIN
1.5dB STEP
3dB STEP
6dB STEP
12dB STEP
INPUT
ROUT = 200Ω
FIGURE 9 TEST CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com