Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button OV6130 Datasheet HTML 18Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 19Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 20Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 21Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 22Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 23Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 24Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 25Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
22
Table 16 I
2C Registers
Sub-
address
(hex)
Register
Default
(hex)
Read/
Write
Descriptions
00
GAIN
00
RW
AGC gain control
GC[7:6] – Unimplemented.
GC[5:0] – The current gain setting.
This register is updated automatically if AGC is enabled. The internal controller stores the
optimal gain value in this register. The current value is stored in this register if AGC is not
enabled.
01
BLUE
80
RW
Blue gain control
BLU[7] – “0” decrease gain, “1” increase gain.
BLU[6:0] – blue channel gain balance value.
Note: This function is not available on the OV6130 image sensor.
02
RED
80
RW
Red gain control
RED[7] – “0” decrease gain, “1” increase gain.
RED[6:0] – red channel balance value.
Note: This function is not available on the OV6130 image sensor.
03
SAT
80
RW
Color saturation control
SAT[7:3] – Saturation adjustment. “F8h” is highest and “00h” is lowest.
SAT[2:0] – Unimplemented.
Note: This function is not available on the OV6130 image sensor.
04
Rsvd 04
××
–
Reserved
05
CTR
48
RW
Contrast control
CTR[7] – selects gain at the dark area. “0” – gain=0.5 and “1” – gain=1.
CTR[6:4] – reserved.
CTR[3:0] – Contrast adjustment. “FFh” is highest and “00h” is lowest.
06
BRT
80
RW
Brightness control
BRT[7:0] – Brightness adjustment. “FFh” is highest and “00h” is lowest.
07
SHP
C6
RW
Sharpness control
SHP[7:4] – Coring adjustment. Range: 0~80mV with step 5mV.
SHP[3:0] – Strength adjustment. Range: 0~8
× with step 0.5×.
08-0B
Rsvd 08-0B
××
–
Reserved
0C
ABLU
20
RW
White balance background: Blue channel
ABLU[7:6] – rsvd
ABLU[5] – “0” decrease background blue component, “1” increase background blue
component
ABLU[4:0] - White balance blue ratio adjustment
Note: This function is not available on the OV6130 image sensor.
0D
ARED
20
RW
White balance background: Red channel
ARED[7:6] – rsvd
ARED[5] – “0” decrease background red component, “1” increase background red
component
ARED[4:0] - White balance red ratio adjustment
Note: This function is not available on the OV6130 image sensor.
0E
COMR
0D
RW
Common control R
COMR[7] – Analog signal 2x gain control bit. “1” - Additional 2x gain, “0” - normal.
COMR[6:0] – Reserved.
0F
COMS
05
RW
Common control S
COMS[7:6] – Reserved
COMS[5:4] – select the lowest signal used in automatic black level expanding (or
automatic brightness). “00” – lowest, “11” – highest and image is brighter.
COMS[3:2] – select highest luminance level to be available in AWB control. “00” –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com