Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV6130 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
3
39
Y2/G2X
I/O
Bit 2 of Y video component output. At power up, sampled as G2X.
40
Y1
I/O
Bit 1 of Y video component output.
41
Y0/CBAR
I/O
Bit 0 of Y video component output. At power up, sampled as CBAR.
42
CHSYNC/BW
I/O
CHSYNC output. At power up, sampled as BW.
43
DEGND
VIN
Decoder ground.
44
DEVDD
VIN
Decoder power supply (+3.3VDC)
45
SCL
I
I
2C serial interface clock input.
46
SDA
I/O
I
2C serial interface data input and output.
47
MULT
Function
(Default=0)
I
2C slave selection
“0” – Select single slave ID.
“1” – Enable multiple (8) slaves.
48
SGND
VIN
Array ground
1
Function Description
(Note: References to color features do not apply to the OV6130 B&W Digital Image Sensor.)
1.1
Overview
Referring to Figure 2 below, the OV6630 sensor includes a 356 x 292
resolution image array, an analog signal processor, dual 8-bit A/D
converters, analog video multiplexer, digital data formatter, video
port, I
2C interface, registers, and digital controls that include timing
block, exposure control, black level control, and white balance.
The OV6630/OV6130 sensor is a ¼ inch CMOS imaging device. The
sensor contains approximately 101,376 pixels. Its design is based on a
field integration read-out system with line-by-line transfer and an
electronic shutter with a synchronous pixel read out scheme. The
color filter of the sensor consists of a primary color RG/GB array
arranged in line-alternating fashion.
B
Cr
Column Sense Amp
R
1/2
A/D
MUX
Cb
Y[7:0]
UV[7:0]
Exposure
Control
registers
(356x292)
Image Array
A/D
Exposure
Detect
Analog
Processing
WB
Detect
Video Timing
Generator
Y
WB
Control
VTO
G
MUX
I2C
Interface
Figure 2. OV6630/OV6130 CMOS Image Sensor Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com