Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OV6130 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
10
The default U/UV channel output port relation before MSB/LSB swap
Table 5. Default Output Sequence
MSB
LSB
Output port
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Internal output data
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
The relation after MSB/LSB swap changes to
Table 6. Swapped MSB/LSB Output Sequence
MSB
LSB
Output port
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
Internal output data
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
Table 7. QCIF Digital Output Format (YUV beginning of line)
Pixel #
1
2
3
4
5
6
7
8
Y
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
UV
U0, V0
U1, V1
U2, V2
U3, V3
U4, V4
U5, V5
U6, V6
U7, V7
-
Y channel output Y2 Y3 Y6 Y7 Y10 Y11 ···
-
UV channel output U2 V3 U6 V7 U10 V11 ···
-
Half (176 pixels) data are outputted every line and only half line data (every other line, total 144 lines) in one frame.
Table 8. QCIF Digital Output Format (RGB raw data beginning of line)
Pixel #
1
2
3
4
5
6
7
8
Line 1
B0
G1
B2
G3
B4
G5
B6
G7
Line 2
G0
R1
G2
R3
G4
R5
G6
R7
1. Default RGB two line output mode:
– Y channel output G0 R1 G4 R5 G8 R9 ···
– UV channel output B0 G1 B4 G5 B8 G9 ···
– Every line output half data (176 pixels) and all lines (144
lines) data in one frame will be output.
2. YG two line output mode:
-
Y channel output G0 R1 G4 R5 G8 R9 ···
-
UV channel output B0 G1 B4 G5 B8 G9 ···
-
Every line outputs half data (176 pixels) and all lines (144
lines) data in one frame will be output.
3. QCIF Resolution Digital Output Format
-
Y channel output Y2 Y3 Y6 Y7 Y10 Y11 ···
-
UV channel output U2 V3 U6 V7 U10 V11···
-
Every line output data number is half (176 pixels) and only one
half line data (every other line, total 144 lines) in one frame will
be output.
Table 9. RGB Raw Data Format
R\C
1
2
3
4
···
353
354
355
356
1
B1,1
G1,2
B1,3
G1,4
B1,353
G1,354
B1,355
G1,356
2
G2,1
R2,2
G2,3
R2,4
G2,353
R2,354
G2,355
R2,356
3
B3,1
G3,2
B3,3
G3,4
B3,353
G3,354
B3,355
G3,356
4
G4,1
R4,2
G4,3
R4,4
G4,353
R4,354
G4,355
R4,356
289
B289,1
G289,2
B289,3
G289,4
B289,353
G289,354
B289,355
G289,356
290
G290,1
R290,2
G290,3
R290,4
G290,353
R290,354
G290,355
R290,356
291
B291,1
G291,2
B291,3
G291,4
B291,353
G291,354
B291,355
G291,356
292
G292,1
R292,2
G292,3
R292,4
G292,353
R292,354
G292,355
R292,356
Notes:
A.
Y port output data sequence: G R G R G R ··· or G G G G ···; UV port output data sequence: B G B G B G ··· or B R B R ···; and
the array color filter pattern is Bayer-Pattern.
B.
Output Modes
1. 16-bit Format (Total 292 HREFs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com