Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
11
Default mode:
-
1st HREF Y channel output unstable data, UV output B11 G12 B13 G14 ···
-
2nd HREF Y channel output G21 R22 G23 R24 ···, UV output B11 G12 B13 G14 ···
-
3rd HREF Y channel output G21 R22 G23 R24 ···, UV output B31 G23 B33 G34 ···
-
Every line of data is output twice.
YG mode:
-
1st HREF Y and UV output unstable data.
-
2nd HREF Y channel output G21 G12 G23 G14 ···, UV output B11 R22 B13 R24 ···
-
3rd HREF Y is G21 G32 G23 G34 ···, UV channel is B31 R22 B33 R24 ···
-
Every line data output twice.
One line mode:
-
1st HREF Y channel output B11 G12 B13 G14 ···
-
2nd HREF Y channel output G21 R22 G23 R24 ···
-
UV channel tri-state.
2. 8-bit Format (Total 292 HREFs)
-
1st HREF Y channel output unstable data.
-
2nd HREF Y channel output B11 G21 R22 G12 ···
-
3rd HREF Y channel output B31 G21 R22 G32 ···
-
PCLK timing is doubled and PCLK rising edge latch data bus. UV channel tri-state. Every line data output twice.
3. 4-bit Nibble Mode Output Format
-
Uses higher 4 bits of Y port (Y[7:4]) as output port.
-
Supports YCrCb/RGB data, ITU-601/ITU-656 timing, Color/B&W.
-
Output sequence: High order 4 bits followed by lower order 4 bits
Y0H Y0L Y1H Y1L ···
U0H U0L V0H V0L ···
For B/W or one-line RGB raw data, the output data clock speed is doubled. For color YUV, output clock is four times that of the 16-bit
output data. In color mode, sensor must be set to 8-bit mode, and the nibble timing, clock divided by 2.
Output sequence: U0H U0L Y0H Y0L V0H V0L Y1H Y1L ···
1.2.7
Slave Mode Operation
The OV6630/OV6130 can be programmed to operate in slave mode
(COMI[6] = 1, default is master mode). HSYNC and VSYNC output
signals are provided.
When used as a slave device, the external master must provide the
following clocks to OV6630/OV6130 imager:
1. System clock CLK to XCLK1 pin
2. Horizontal sync, HSYNC, to CHSYNC pin, positive assertion
3. Vertical frame sync, VSYNC, to VSYNC pin, positive assertion
In slave mode, the OV6630/OV6130 tri-states CHSYNC (pin 42) and
VSYNC (pin 16) output pins, and used as input pins. To synchronize
multiple devices, OV6630/OV6130 uses external system clock, CLK,
to synchronize external horizontal sync, HSYNC, which is then used
to synchronize external vertical frame sync, VSYNC. See Figure 6.
Slave Mode External Sync Timing for timing considerations.
1.2.8
Frame Exposure Mode
OV6630/OV6130 supports frame. FREX (pin 4) is asserted by an
external master device to set exposure time. The pixel array is quickly
pre-charged when FREX is set to “1”. OV6630/OV6130 captures the
image in the time period when FREX remains high. The video data
stream is delivered to output port in a line-by-line manner after FREX
switches to “0”.
It should be noted that FREX must remain high long enough to ensure
the entire image array has been pre-charged.
When data is being output from OV6630/OV6130, care must be taken
so as not to expose the image array to light. This may affect the
integrity of the image data captured. A mechanical shutter synchro-
nized with the frame exposure rate can be used to minimize this
situation. The timing of frame exposure is shown in Figure 7. Frame
Exposure Timing below.
1.2.9
Reset
OV6630/OV6130 includes a RESET pin (pin 2) that forces a
complete
hardware
reset
when
it
is
pulled
high
(VCC).
OV6630/OV6130 clears all registers and resets to their default values
when a hardware reset occurs. Reset can also be initiated through the
I
2C interface.
1.2.10
Power Down Mode
Two methods are available to place OV6630/OV6130 into power-
down mode: hardware power down and I
2C software power down.
To initiate hardware power down, the PWDN pin (pin 9) must be tied
to high (+3.3VDC). When this occurs, OV6630/OV6130 internal
device clock is halted and all internal counters are reset. The current
draw is less than 10
µA in this standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com