Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OV6130 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Advanced Information
Preliminary
OV6630/OV6130
OV6630 SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV6130 SINGLE-CHIP CMOS CIF B&W DIGITAL CAMERA
OmniVision Technologies, Inc. 930 Thompson Place Sunnyvale, CA 94086 U.S.A.
Tel: (408) 733-3030 Fax: (408) 733-3061
e-mail: info@ovt.com
Website: http://www.ovt.com
Version 1.0, March 4, 2000
Features
101,376 pixels, 1/4” lens, CIF/QCIF format
Progressive scan read out
Data format - YCrCb 4:2:2, GRB 4:2:2, RGB Raw Data
8/16 bit video data: ITU-601, ITU-656, ZV port
Wide dynamic range, anti-blooming, zero smearing
Electronic exposure/gain/white balance control
Image enhancement - brightness, contrast, gamma,
saturation, sharpness, window, etc.
Internal/external synchronization
Frame exposure/line exposure option
3.3-Volt operation, low power dissipation
-
< 20 mA active power
-
< 10
µA in power-save mode
Gamma correction (0.45/0.55/1.00)
I
2C programmable (400 kb/s):
-
Color saturation, brightness, contrast, white balance,
exposure time, gain
General Description
The OV6630 (color) and OV6130 (black and white) CMOS Im-
age sensors are single-chip video/imaging camera devices
designed to provide a high level of functionality in a single,
small-footprint package. Both devices incorporate a 352 x 288
image array capable of operating up to 60 frames per second
image capture. Proprietary sensor technology utilizes advanced
algorithms to cancel Fixed Pattern Noise (FPN), eliminate
smearing, and drastically reduce blooming. All needed camera
functions including exposure control, gamma, gain, white
balance, color matrix, windowing, and more, are programmable
through an I
2C interface. Both devices can be programmed to
provide image output in 4-bit, 8-bit or 16-bit digital formats.
Applications include: Video Conferencing, Video Phone, Video
Mail, Still Image, and PC Multimedia.
8
35
VRCAP1
31
17
34
15
Y4/CS1
Y3/RGB
10
AVDD
42
7
Y5/SHARP
36
14
OV6630/
OV6130
41
Y6/CS2
FODD/CLK
11
33
IICB
HREF/VSFRAM
DOVDD
Y7/CS0
V0/CBAR
Y2/G2X
VSYNC/CSYS
Y1
16
40
PCLK/PWDB
37
9
CHSYNC/BW
32
AGND
38
13
VTO
12
DOGND
ADVDD
VcCHG
18
39
ADGND
PWDN
Figure 1. OV6630/OV6130 Pin Assignments
Array Element(CIF)
(QCIF)
356x292
(176x144)
Pixel Size
9
µm x 8.2µm
Image Area
3.1mm x 2.5mm
Max Frames/Sec
Up to 60 FPS
Electronics
Exposure
Up to 500:1 (for selected
FPS)
Scan Mode
Progressive
Gamma Correction
0.45/0.55/1.0
Min. Illumination
(3000K)
OV6630 - < 3lux @ f1.2
OV6130 - < 0.5lux @ f1.2
S/N Ration
> 48 dB
(AGC off, Gamma=1)
FPN
< 0.03% VPP
Dark Current
< 0.2nA/cm
2
Dynamic Range
> 72 dB
Power Supply
2.7
−3.6VDC
5VDC/3.3VDC (DIO)
Power
Requirements
< 20mA active
< 10
µA Standby
Package
48 pin LCC
Note: Outputs UV0-UV7 are not available on the OV6130. The inputs associated
with these respective pins are still functional.


Similar Part No. - OV6130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV6120 ETC-OV6120 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
More results

Similar Description - OV6130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAS106B ETC-PAS106B Datasheet
333Kb / 2P
CIF COLOR CMOS IMAGE SENSOR
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
OV6620 ETC-OV6620 Datasheet
341Kb / 31P
SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
OV7910 ETC-OV7910 Datasheet
247Kb / 18P
SINGLE-CHIP CMOS COLOR PAL CAMERA
ICM532B ETC1-ICM532B Datasheet
302Kb / 15P
CIF Color CMOS Sensor with USB Output
CH5001A ETC1-CH5001A Datasheet
136Kb / 34P
CMOS COLOR DIGITAL VIDEO CAMERA
logo
STMicroelectronics
VS6451 STMICROELECTRONICS-VS6451_07 Datasheet
1Mb / 4P
Ultra small CIF reflowable camera module
13-Mar-2007
logo
Pixart Imaging Inc.
PAC207BCA PIXART-PAC207BCA Datasheet
96Kb / 11P
SINGLE-CHIP CIF CMOS IMAGE SENSOR WITH USB INTERFACE
PAS106BCA-323 PIXART-PAS106BCA-323 Datasheet
114Kb / 14P
PAS106BCA-323 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBA-323 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
PAS106BCB-283 PIXART-PAS106BCB-283 Datasheet
109Kb / 15P
PAS106BCB-283 SINGLE-CHIP CMOS CIF COLOR DIGITAL IMAGE SENSOR PAS106BBB-283 SINGLE-CHIP CMOS CIF B&W DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com