Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
12
Executing a software power down through the I
2C interface suspends
internal circuit activity, but does not halt the device clock. The current
requirements drop to less than 1mA in this mode.
1.2.11
Configure OV6630/OV6130
Two methods are provided to configure OV6630/OV6130 for specific
application requirements.
At power up, OV6630/OV6130 reads the status of certain pins to
determine what, if any, power up pin programming default settings
are requested. Once the reading of the external pins status is
completed, the device configures its internal registers according to the
specified pins. Not all device functions are available for configuration
through external pins. Power up pin programming occurs in 1024
system clock cycles.
A
more
flexible
and
comprehensive
method
to
configure
OV6630/OV6130 is to use its on-chip I
2C register programming
capability. The I
2C interface provides access to all of the device’s
programmable internal registers. See I2C Bus Protocol Format for
further details about using the I
2C interface on the OV6630/OV6130
camera device.
CLK
HSYNC
VSYNC
1 Line=472 T
CLK
1 Frame=625 x 472 T
CLK
T
CLK
T
HS
T
VS
Notes:
T
HS > 6 TCLK (2), THS < TVS < 472 TCLK
HSYNC period is (472 T
CLK)
VSYNC period is (625 x 472 T
CLK)
OV6630/OV6130 will be stable after 1 field (2nd VSYNC)
Figure 6. Slave Mode External Sync Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com