Electronic Components Datasheet Search
  English  ▼

X  

OV6130 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # OV6130
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6130 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  OV6130 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6130 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
March 4, 2000
Version 1.0
5
VSYNC
PCLK
Y[7:0]/UV[7:0]
HREF
Horizontal Timing
VSYNC
Even Field 1 (FODD=0)
Odd Field 1 (FODD=1)
t8
t8
t6
t7
t5
t4
t2
t1
t3
2
1
352
351
Valid Data
T
VS
T
LINE
T
VE
1 Line
Y[7:0]/UV[7:0]
Vertical Timing
Figure 3. Zoom Video Port Timing
Notes:
1.
Zoom Video Port format output signal includes:
VSYNC: Vertical sync pulse.
HREF: Horizontal valid data output window.
PCLK: Pixel clock used to clock valid data and CHSYNC into Zoom V Port. Default frequency is 8.86MHz when use
17.73MHz as system clock. Rising edge of PCLK is used to clock the 16 Bit data.
Y[7:0]: 8 Bit luminance data bus.
UV[7:0]: 8 Bit chrominance data bus.
2.
All timing parameters are provided in Table 13. Zoom Video Port AC Parameters.
1.2.5
QCIF Format
A QCIF mode is available for applications where higher resolution
image capture is not required. Only half of the pixel rate is required
when programmed in this mode. Default resolution is 176 x 144
pixels and can be programmed for other resolutions. Refer to Table 7.
QCIF Digital Output Format (YUV beginning of line) and Table 8.
QCIF Digital Output Format (RGB raw data beginning of line) for
further information.
1.2.6
Video Output
The video output port of the OV6630/OV6130 image sensors
provides a number of output format/standard options to suit many
different application requirements. Table 2. Digital Output Format,
below, indicates the output formats available. These formats are user
programmable through the I
2C interface (See I2C Bus Protocol
Format).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com