Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 3Page - OSRAM GmbH SFH7770 Datasheet HTML 4Page - OSRAM GmbH SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH SFH7770 Datasheet HTML 10Page - OSRAM GmbH SFH7770 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
SFH 7770
2011-09-16
7
Characteristics (Ta = 25°C
)
2) Output signal of the Proximity Sensor
The sensitivity range of the Proximity Sensor is typ. 100 μW/cm
2 to 1.0 mW/cm2 . Within this range, the
data in the SFH 7770 output register are available in an approximately logarithmic scale. The advantage
of the logarithmic scale is the possibility to cover a large range of distance without changing the
sensitivity settings of the sensor. In addition the data are then approximately proportional to the distance
of an object.
When the irradiation is below 100 μW/cm², the PS output signal exhibits noise which is typically below
80 output counts (see the dashed line in the graph below).
For irradiation higher than typ. 100μW/cm², the PS output signal increases monotonically up to a value
of typ. 163.
Parameter
Symbol
Value
Unit
min.
typ.
max.
Proximity Sensor (PS)
Wavelength of max. sensitivity
S,max
850
nm
Spectral range of sensitivity (50% of S
max)
S,50%
750 ...
1000
nm
Sensitivity range,
= 850nm
2)
E
e
0.09 ...
1.6
mW/cm²
Sensor signal (logarithmic)
2)
0 ... 254
counts
Measurement accuracy for irradiance Ee,
=850nm at Ee=500μW/cm²
- 6
+ 6
dB
LED pulse current, programmable,
( only when
V
LED - Vf1, f2, f3 > 0.4V)
1)
1)
DC-offset of 0.5mA has to be added to LED current consumption during LED burst
I
LED,PP
5.5
200
mA
Accuracy of LED pulse current
I
LED,PP
-20
+20
%
Mean current consumption, FREE-RUNNING
( one LED „ON“, If=100mA, t
rep = 100ms)
I
act
300
μA
Modulation frequency of LED current
f
mod
667
kHz
Repeat frequency in FREE-RUNNING mode
(programmable)
t
rep
10 ...
2000
ms
Length of a single LED burst
t
burst
300
μs
Length of a measurement cycle for 3 LEDs
t
1ms
Update of register data after MCU request
t
10
ms
Sunlight suppression
50
klx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com