Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH SFH7770 Datasheet HTML 10Page - OSRAM GmbH SFH7770 Datasheet HTML 11Page - OSRAM GmbH SFH7770 Datasheet HTML 12Page - OSRAM GmbH SFH7770 Datasheet HTML 13Page - OSRAM GmbH SFH7770 Datasheet HTML 14Page - OSRAM GmbH SFH7770 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
SFH 7770
2011-09-16
11
Emitter current setting
Emitter current setting
R/W-Register 0x82
Bit
7
6
5
4
3
2
1
0
activation of LEDs
setting LED2 pulse current
setting LED1 pulse current
default 00
011
50 mA
011
50 mA
00 LED1 active
000
5 mA
000
5 mA
01 LED1 and 2 active 001
10 mA
001
10 mA
10 LED1 and 3 active 010
20 mA
010
20 mA
11 all LEDs active
011
50 mA
011
50 mA
100
100 mA
100
100 mA
101
150 mA
101
150 mA
110
200 mA
110
200 mA
R/W-Register 0x83
Bit
7
6
5
4
3
2
1
0
not used
setting LED3 pulse current
default XXXXX
011
50 mA
000
5 mA
001
10 mA
010
20 mA
011
50 mA
100
100 mA
101
150 mA
110
200 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com