Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH SFH7770 Datasheet HTML 10Page - OSRAM GmbH SFH7770 Datasheet HTML 11Page - OSRAM GmbH SFH7770 Datasheet HTML 12Page - OSRAM GmbH SFH7770 Datasheet HTML 13Page - OSRAM GmbH SFH7770 Datasheet HTML 14Page - OSRAM GmbH SFH7770 Datasheet HTML 15Page - OSRAM GmbH SFH7770 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
SFH 7770
2011-09-16
12
MCU-triggered measurement (for Ambient Light Sensor and Proximity Sensor)
If „1“ is set, a new measurement will start after the I
2C stop commmand from the MCU. As soon as the
measurement is finished, the corresponding bit of the register will be set to „0“ automatically by the
SFH7770.
Proximity measurement: time interval settings (repetition time) for FREE-RUNNING mode
R/W-Register 0x84
Bit
7
6
5
4
3
2
1
0
not used
trigger ambient light
trigger proximity
default XXXXXX
11
R/W-Register 0x85
Bit
7
6
5
4
3
2
1
0
not used
time-interval
default XXXX
0101
100 ms
0000
10 ms
0001
20 ms
0010
30 ms
0011
50 ms
0100
70 ms
0101
100 ms
0110
200 ms
0111
500 ms
1000 1000 ms
1001 2000 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com