Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH7770 Datasheet HTML 1Page - OSRAM GmbH SFH7770 Datasheet HTML 2Page - OSRAM GmbH SFH7770 Datasheet HTML 3Page - OSRAM GmbH SFH7770 Datasheet HTML 4Page - OSRAM GmbH SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SFH 7770
Umgebungslicht und Näherungssensor
Ambient Light and Proximity Sensor
Lead (Pb) Free Product - RoHS Compliant
2011-09-16
1
Not for design in automotive and industrial applications
Wesentliche Merkmale
• Näherungssensor
- Detektionsbereich bis 100mm
- Gestenerkennung
- Ausgänge zum Betrieb von bis zu drei IR
Emittern
- Optimiert für 850nm Emitter
- Umgebungslicht-Unterdrückung
• Umgebungslichtsensor
- 3lx - 65000lx
- Gute Linearität
- Spektrale Empfindlichkeit ähnlich dem
menschlichen Auge
•I
2C interface
- 100kHz / 400kHz und 3.4MHz Mode
- verschiedene Messmoden programmierbar
(STAND-BY, TRIGGERED, FREE-RUNNING)
•< 5 A Stromverbrauch im STAND-BY
• Geringe Abmessungen, 2.8 x 2.8 x 0.9 mm
3
Anwendungen
• Mobiltelefone
• PDA’s und Notebooks
• Kameras
• Consumer Produkte
Typ
Type
Bestellnummer
Ordering Code
SFH 7770
Q65110A9565
Features
• Proximity Sensor (PS)
- Detection-range up to 100mm
- Gesture recognition possible
- Outputs to drive up to three IR emitters
- Optimized for 850nm emitters
- Suppression of ambient light
• Ambient Light Sensor (ALS)
- 3lx - 65000lx
- High linearity
- Spectral sensitivity well matched to the human
eye
•I
2C interface
- 100kHz / 400kHz and 3.4MHz mode
- Measurement modes programmable
(STAND-BY, TRIGGERED, FREE-RUNNING)
• Current consumption < 5 A in STAND-BY
• Small package size, 2.8 x 2.8 x 0.9 mm
3
Applications
• Mobile phones
• PDAs and notebooks
• Cameras
• Consumer products


Similar Part No. - SFH7770

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH7770E6 OSRAM-SFH7770E6 Datasheet
825Kb / 33P
Ambient Light and Proximity Sensor
More results

Similar Description - SFH7770

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
Multimedia Applications Processors for Industrial and Automotive Products
logo
Texas Instruments
UCC2570DTR TI1-UCC2570DTR Datasheet
3Mb / 13P
Not Recommended for New Design
logo
XP Power Limited
DNR XPPOWER-DNR Datasheet
182Kb / 4P
Rugged Design for Industrial Applications
logo
Sumida Corporation
CBM5D33 SUMIDA-CBM5D33_16 Datasheet
238Kb / 2P
Automotive and Industrial Applications
logo
Texas Instruments
UCC2751 TI1-UCC2751_10 Datasheet
2Mb / 9P
Not Recommended for New Design
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
logo
NXP Semiconductors
DEVKIT-MPC5748G NXP-DEVKIT-MPC5748G Datasheet
1Mb / 23P
Ultra-Reliable MCUs for Industrial and Automotive Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com