Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7770 Datasheet HTML 1Page - OSRAM GmbH SFH7770 Datasheet HTML 2Page - OSRAM GmbH SFH7770 Datasheet HTML 3Page - OSRAM GmbH SFH7770 Datasheet HTML 4Page - OSRAM GmbH SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SFH 7770
2011-09-16
2
Application diagram and basic informations
• The inductivity of the wire from the LED pin (1,2 or 3) to the cathode of the LED needs to be
<20nH at If=200mA (e.g. max 2 – 3cm length of a wire). The cable length may be increased for
lower currents inversely proportional to forward current: cable length
1/forward current (e.g. max 8
- 12cm at If=50mA).
• Proposed size for the pull-up resistor is 560 Ohm
• Short evaluation program
Adress
Command
Action
0x80
Write 03
Ambient Light Sensor in FREE-RUNNING mode
0x81
Write 03
Proximity Sensor in FREE-RUNNING mode
Wait 110 ms
0x8C
Read data
read LSByte data from ambient light measurement
0x8D
Read data
read MSByte data from ambient light measurement
0x8F
Read data
read data from proximity measurement LED 1
LED 1
LED 2
LED 3
SFH 7770
MCU
VLED=4V
VDD=2.8V
100nF
VIO = 1.8V
9
8
3
2
1
4
7
6
10
5
SDA
SCL
nc
INT
GND_LED
GND
Vf1
Vf1
Vf2
Vf2
Vf3
Vf3
10 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com