Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH7770 Datasheet HTML 1Page - OSRAM GmbH SFH7770 Datasheet HTML 2Page - OSRAM GmbH SFH7770 Datasheet HTML 3Page - OSRAM GmbH SFH7770 Datasheet HTML 4Page - OSRAM GmbH SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
SFH 7770
2011-09-16
5
Maximum limits
Operating conditions
Parameter
Symbol
Value
Unit
min.
typ.
max.
Storage temperature
T
stg
– 40
+ 85
C
Supply voltage
(between
V
DD and GND)
V
DD
- 0.3
+ 4.5
V
Maximum Voltage of SDA, SCL and INT to GND
V
dig
- 0.3
+ 3.6
V
Maximum Voltage of LED1 ... LED3 to GND_LED
V
LED
- 0.3
+ 5.5
V
Maximum Voltage between GND and GND_LED
V
LED
-500
+500
mV
Electrostatic discharge
- Human Body Model
(according to JESD22-A114-E; Class2 )
ESD
2kV
Parameter
Symbol
Value
Unit
min.
typ.
max.
Operation temperature
T
op
- 20
+ 85
C
Supply Voltage
V
DD
2.3
3.1
V
Ripple on Supply Voltage
(V
DD = 2.35 - 3.05V, DC ... 100MHz)
V
DD,rip
10
mV
Voltage for I/O (SDA, SCL, INT)
1)
1)
The limits for the logic levels of SCL and SDA pins are in accordance with the I²C bus specification from NXP
(UM10204 „I²C bus specification and user manual“, Rev. 03 - 19 June 2007). The same limits are valid for the logic
levels of the interrupt pin (INT): the maximum level for logic „LOW“ level is 30% of the I/O voltage
V
IO, the minimum
level for logic „HIGH“ level is 70% of the I/O voltage
V
IO.
V
IO
1.6
2.0
V
extended Voltage range for I/O (SDA, SCL, INT)
2)
2)
Extended voltage range for I²C bus communication is only valid for standard- and fast-mode. Input levels are
internally referenced to 1.8V. So „LOW“ level threshold is 30% of 1.8V and „HIGH“ level threshold is 70% of 1.8V
regardless of the external I/O voltage V
IO. Operating at VIO>2.0V can lead to minor timing violations to the I²C bus
specification from NXP concerning the minimum/maximum hold time requirement.
V
IO,ext
1.6
3.1
V
Supply Voltage LED
V
LED
2.3
4.25
V
Ripple
V
LED
DC... 30kHz
30kHz ... 100MHz
V
LED,rip
500
200
mV
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com