Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 10Page - OSRAM GmbH SFH7770 Datasheet HTML 11Page - OSRAM GmbH SFH7770 Datasheet HTML 12Page - OSRAM GmbH SFH7770 Datasheet HTML 13Page - OSRAM GmbH SFH7770 Datasheet HTML 14Page - OSRAM GmbH SFH7770 Datasheet HTML 15Page - OSRAM GmbH SFH7770 Datasheet HTML 16Page - OSRAM GmbH SFH7770 Datasheet HTML 17Page - OSRAM GmbH SFH7770 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
SFH 7770
2011-09-16
14
Ambient Light measurement data (0x8C: LSB ,
0x8D: MSB )
The result of the Ambient Light Sensor is a 16bit word with MSB and LSB and is stored in two registers..
The binary data can be converted directly to decimal „lx“ values (max. 65535lx)
Status of measurement data for Ambient Light Sensor (ALS) and Proximity Sensor (PS)
When the measurement data are available in the register, the corresponding status bit (bit 6 for
ambient-light; bit 4, 2 and 0 for proximity) in register 0x8E is set to „1“. When the measurement data
have been read by the MCU, the status bit is automatically set back to „0“.
Bit 7 is set „1“ when the measured ALS value is outside the threshold level settings (register 0x96...
0x99). Bit 1, 3 and 5 are set when the measured PS value is above the threshold level (register 0x93...
0x95).
The status of register 0x8E will always be updated when a new measurement is available.
Proximity measurement data (LED 1 , 8bit, logarithmic)
R-Register 0x8C
Bit
7
6
5
4
3
2
1
0
LSB data
default
00000000
R-Register 0x8D
Bit
7
6
5
4
3
2
1
0
MSB data
default
00000000
R-Register 0x8E
Bit
7
6
5
4
3
2
1
0
ALS
threshold
ALS
data
PS LED3
threshold
PS LED3
data
PS LED2
threshold
PS LED2
data
PS LED1
threshold
PS LED1
data
default
00000000
R-Register 0x8F
Bit
7
6
5
4
3
2
1
0
data
default
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com