Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 5Page - OSRAM GmbH SFH7770 Datasheet HTML 6Page - OSRAM GmbH SFH7770 Datasheet HTML 7Page - OSRAM GmbH SFH7770 Datasheet HTML 8Page - OSRAM GmbH SFH7770 Datasheet HTML 9Page - OSRAM GmbH SFH7770 Datasheet HTML 10Page - OSRAM GmbH SFH7770 Datasheet HTML 11Page - OSRAM GmbH SFH7770 Datasheet HTML 12Page - OSRAM GmbH SFH7770 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SFH 7770
2011-09-16
9
Characteristics (Ta = 25°C
)
Parameter
Symbol
Value
Unit
min.
typ.
max.
Ambient Light Sensor (ALS)
Wavelength of max. sensitivity
S max
555
nm
Spectral range of sensitivity (10% of S
max)
S10%
480-660
nm
Measurement range
3
65000
counts
Sensitivity (1000lx)
Out
0.6
1
1.5
count/lx
Deviation from linear output characteristics
1)
X = 100-65000lx
X = 10-100lx
X = 3-10lx
1)
The deviation of the linear output characteristic is referenced to 1000lx and follows the formula
:
X:
sensor illumination level in lux
Y
X:
sensor output / measurement value at illumination level X
Y
1000lX: sensor output / measurement value at illumination level 1000lx
f
lin
5
10
30
%
Temperature coefficient for E
V measurement
0°C ... 50°C
-15°C ... 70°C
T
cEv
- 0.20
- 0.25
+ 0.20
+ 0.25
%/K
%/K
Update of register data after MCU request
t
100
ms
Measurement repetition rate in FREE-RUNNING
mode, programmable
t
rep
100 ...
2000
ms
Mean current consumption in FREE-RUNNING
mode, t
rep = 500ms
I
act
200
μA
Current consumption in STAND-BY mode
I
stby
5μA
Error by Flicker noise
(caused by bulbs or fluorescent lamps)
(f = 50 or 60Hz, 100% modulation)
-5
+5
%
f
lin
Y
X
Y
1000lx
------------------
1000lx
X
------------------
1
–
100%
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com