Electronic Components Datasheet Search
  English  ▼

X  

SFH7770 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # SFH7770
Description  Not for design in automotive and industrial applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7770 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button SFH7770 Datasheet HTML 11Page - OSRAM GmbH SFH7770 Datasheet HTML 12Page - OSRAM GmbH SFH7770 Datasheet HTML 13Page - OSRAM GmbH SFH7770 Datasheet HTML 14Page - OSRAM GmbH SFH7770 Datasheet HTML 15Page - OSRAM GmbH SFH7770 Datasheet HTML 16Page - OSRAM GmbH SFH7770 Datasheet HTML 17Page - OSRAM GmbH SFH7770 Datasheet HTML 18Page - OSRAM GmbH SFH7770 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
SFH 7770
2011-09-16
15
Proximity measurement data (LED 2 , 8bit, logarithmic)
Proximity measurement data (LED 3 , 8bit, logarithmic)
Interrupt register / INT output.
In Bit6/5 the source which triggers the interrupt is noted. Data from the status register (0x8E) are used.
In latched mode (set by bit3) this remains unchanged until the Interrupt register has been read by the
MCU, afterewards it is set to 0 automatically. In unlatched mode it is updated after every measurement.
The output polarity (pin 5 of the SFH7770) can be changed by bit 2.
The interrupt can be triggered by the Ambient Light Sensor and / or by the Proximity Sensor; this can
be set by the Interrupt mode (bit 1/bit 0). When bit 1 and bit 0 is set to 0, the INT output is in the high Z
state (high impedance).
R-Register 0x90
Bit
7
6
5
4
3
2
1
0
data
default
00000000
R-Register 0x91
Bit
7
6
5
4
3
2
1
0
data
default
00000000
R/W-Register 0x92
Bit
7
6
5
4
3
2
1
0
not
used
Interrupt
trigger source
not
used
Output mode
Output
polarity
Interrupt mode
(triggered by..)
R/W
not
used
R only
not
used
R/W
R/W
R/W
default
X
00
X
1
0
00
00 ALS
0 latched
0 active L
00 Z state
01 PS (LED 1)
1 not latched
1 active H
01 only PS
10 PS (LED 2)
10 only ALS
11 PS (LED 3)
11 PS and ALS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com