Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8580 Datasheet HTML 2Page - Linear Technology LT8580 Datasheet HTML 3Page - Linear Technology LT8580 Datasheet HTML 4Page - Linear Technology LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology LT8580 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT8580
6
8580fa
For more information www.linear.com/LT8580
block DiagraM
pin FuncTions
FBX (Pin 1): Positive and Negative Feedback Pin. For a
noninverting or inverting converter, tie a resistor from the
FBX pin to VOUT according to the following equations:
RFBX=
VOUT −1.204V
(
)
83.3µA
; Noninverting Converter
RFBX=
VOUT + 3mV
(
)
83.3µA
; Inverting Converter
VC (Pin 2): Error Amplifier Output Pin. Tie external com-
pensation network to this pin.
VIN (Pin 3): Input Supply Pin. Must be locally bypassed.
SW (Pin 4): Switch Pin. This is the collector of the internal
NPN Power switch. Minimize the metal trace area connec-
ted to this pin to minimize EMI.
SHDN (Pin 5): Shutdown Pin. In conjunction with the
UVLO (undervoltage lockout) circuit, this pin is used
to enable/disable the chip and restart the soft-start
sequence. Drive below 1.21V to disable the chip. Drive
above 1.40V to activate the chip and restart the soft-start
sequence. Do not float this pin.
RT (Pin 6): Timing Resistor Pin. Adjusts the switching
frequency. Place a resistor from this pin to ground to set
the frequency to a fixed free running level. Do not float
this pin.
SS(Pin7):Soft-StartPin.Placeasoft-startcapacitorhere.
Upon start-up, the SS pin will be charged by a (nominally)
280k resistor to about 2.1V.
SYNC (Pin 8): To synchronize the switching frequency to
an outside clock, simply drive this pin with a clock. The
high voltage level of the clock needs to exceed 1.3V, and
the low level should be less 0.4V. Drive this pin to less
than 0.4V to revert to the internal free-running clock. See
theApplicationsInformationsectionformoreinformation.
GND (Exposed Pad Pin 9): Ground. Exposed pad must
be soldered directly to local ground plane.
–
+
–
+
–
+
–
+
+
–
∑
7
5
3
1.204V
REFERENCE
ADJUSTABLE
OSCILLATOR
FREQUENCY
FOLDBACK
SLOPE
COMPENSATION
COMPARATOR
DISCHARGE
DETECT
SS
VC
280k
Q2
SR2
R
S
14.5k
14.5k
Q
SR1
A3
A4
A1
A2
SYNC
÷N
RT
SHDN
FBX
1.3V
VC
C1
SW
0.02
GND
RT
RFBX
DRIVER
L1
D1
ILIMIT
VIN
VOUT
CSS
CC
CIN
RC
VIN
SOFT-
START
SYNC
BLOCK
UVLO
R
S
Q
6
2
1
8580 BD
8
4
Q1
9
50k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com