Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8580 Datasheet HTML 4Page - Linear Technology LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology LT8580 Datasheet HTML 10Page - Linear Technology LT8580 Datasheet HTML 11Page - Linear Technology LT8580 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT8580
8
8580fa
For more information www.linear.com/LT8580
Start-Up Operation
Several functions are provided to enable a very clean
start-up for the LT8580.
• First, the SHDN pin voltage is monitored by an internal
voltage reference to give a precise turn-on voltage level.
Anexternalresistor(orresistordivider)canbeconnected
from the input power supply to the SHDN pin to provide
a user-programmable undervoltage lockout function.
• Second, the soft-start circuitry provides for a gradual
ramp-up of the switch current. When the part is brought
out of shutdown, the external SS capacitor is first
discharged (providing protection against SHDN pin
glitches and slow ramping), then an integrated 280k
resistor pulls the SS pin up to ~2.1V. By connecting an
external capacitor to the SS pin, the voltage ramp rate
on the pin can be set. Typical values for the soft-start
capacitor range from 100nF to 1µF.
• Finally,thefrequencyfoldbackcircuitreducestheswitch-
ing frequency when the FBX pin is in a nominal range
of 300mV to 920mV. This feature reduces the minimum
duty cycle that the part can achieve thus allowing better
control of the switch current during start-up. When the
FBX voltage is pulled outside of this range, the switching
frequency returns to normal.
Current Limit and Thermal Shutdown Operation
The LT8580 has a current limit circuit not shown in the
BlockDiagram.Theswitchcurrentisconstantlymonitored
and not allowed to exceed the maximum switch current at
a given duty cycle (see the Electrical Characteristics table).
If the switch current reaches this value, the SR latch (SR1)
is reset regardless of the state of the comparator (A1/
A2). Also, not shown in the Block Diagram is the thermal
shutdown circuit. If the temperature of the part exceeds
approximately165°C,theSR2latchissetregardlessofthe
state of the amplifier (A1/A2). When the part temperature
falls below approximately 160°C, a full soft-start cycle will
then be initiated. The current limit and thermal shutdown
circuits protect the power switch as well as the external
components connected to the LT8580.
operaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com