Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 32 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT8580 Datasheet HTML 24Page - Linear Technology LT8580 Datasheet HTML 25Page - Linear Technology LT8580 Datasheet HTML 26Page - Linear Technology LT8580 Datasheet HTML 27Page - Linear Technology LT8580 Datasheet HTML 28Page - Linear Technology LT8580 Datasheet HTML 29Page - Linear Technology LT8580 Datasheet HTML 30Page - Linear Technology LT8580 Datasheet HTML 31Page - Linear Technology LT8580 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LT8580
32
8580fa
For more information www.linear.com/LT8580
LINEAR TECHNOLOGY CORPORATION 2014
LT 0916 REV A • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT8580
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LT1613
550mA (ISW), 1.4MHz High Efficiency Step-Up DC/DC Converter VIN: 0.9V to 10V, VOUT(MAX) = 34V, IQ = 3mA, ISD < 1µA,
ThinSOT Package
LT1618
1.5A (ISW), 1.4MHz High Efficiency Step-Up DC/DC Converter
VIN: 1.6V to 18V, VOUT(MAX) = 35V, IQ = 1.8mA, ISD < 1µA,
MS10, 3mm × 3mm DFN Packages
LT1930/LT1930A
1A (ISW), 1.2MHz/2.2MHz High Efficiency Step-Up DC/DC
Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 4.2mA/5.5mA, ISD < 1µA,
ThinSOT Package
LT1935
2A (ISW), 40V, 1.2MHz High Efficiency Step-Up DC/DC Converter VIN: 2.3V to 16V, VOUT(MAX) = 38V, IQ = 3mA, ISD < 1µA,
ThinSOT Package
LT1944/LT1944-1 Dual Output 350mA (ISW), Constant Off-Time, High Efficiency
Step-Up DC/DC Converter
VIN: 1.2V to 15V, VOUT(MAX) = 34V, IQ = 20µA, ISD < 1µA,
MS10 Package
LT1946/LT1946A
1.5A (ISW), 1.2MHz/2.7MHz High Efficiency Step-Up DC/DC
Converter
VIN: 2.6V to 16V, VOUT(MAX) = 34V, IQ = 3.2mA, ISD < 1µA,
MS8E Package
LT3467
1.1A (ISW), 1.3MHz High Efficiency Step-Up DC/DC Converter
VIN: 2.4V to 16V, VOUT(MAX) = 40V, IQ = 1.2mA, ISD < 1µA,
ThinSOT, 2mm × 3mm DFN Packages
LT3477
42V, 3A, 3.5MHz Boost, Buck-Boost, Buck LED Driver
VIN: 2.5V to 25V, VOUT(MAX) = 40V, Analog/PWM, ISD < 1µA,
QFN, TSSOP-20E Packages
LT3479
3A Full-Featured DC/DC Converter with Soft-Start and Inrush
Current Protection
VIN: 2.5V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 1µA,
DFN, TSSOP Packages
LT3580
2A (ISW), 42V, 2.5MHz, High Efficiency Step-Up DC/DC
Converter
VIN: 2.5V to 32V, VOUT(MAX) = 42V, IQ = 1mA, ISD = <1µA,
3mm × 3mm DFN-8, MSOP-8E
LT3581
3.3A (ISW), 42V, 2.5MHz, High Efficiency Step-Up DC/DC
Converter
VIN: 2.5V to 22V, VOUT(MAX) = 42V, IQ = 1.9mA, ISD = <1µA,
4mm × 3mm DFN-14, MSOP-16E
LT3579
6A (ISW), 42V, 2.5MHz, High Efficiency, Step-Up DC/DC
Converter
VIN: 2.5V to 16V, VOUT(MAX) = 42V, IQ = 1.9mA, ISD = <1µA,
4mm × 5mm QFN-20, TSSOP-20
LT8582
Dual Channel, 3A (ISW), 42V, 2.5MHz, High Efficiency Step-Up
DC/DC Converter
VIN: 2.5V to 22V, VOUT(MAX) = 42V, IQ = 2.1mA, ISD = <1µA,
4mm × 7mm DFN-24
Efficiency and Power Loss
(VIN = 12V)
12V Battery Stabilizer Survives 40V Transients
COUT
4.7µF
VOUT
12V
240mA
L1
22µH
L2
22µH
C1
1µF
D1
130k
VIN
9V TO 16V
UP TO 40V
TRANSIENT
VIN
SW
8580 TA07a
LT8580
487k
16.2k
84.5k
SHDN
GND
FBX
VC
SYNC
SS
RT
1nF
22pF
0.22µF
CIN
4.7µF
•
L1, L2: WÜRTH 22µH WE-DD 744877220
D1: DIODES INC. DFLS1100
CIN: 4.7µF, 50V, 1206, X7R
COUT: 4.7µF, 25V, 1206, X7R
C1: 1µF, 100V, 0805, X7S
LOAD CURRENT (mA)
0
10
30
20
40
50
160
90
8580 TA07b
120
200
40
80
240
60
70
80
0
400
600
800
500
200
100
300
700
EFFICIENCY
POWER LOSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com