Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8580 Datasheet HTML 18Page - Linear Technology LT8580 Datasheet HTML 19Page - Linear Technology LT8580 Datasheet HTML 20Page - Linear Technology LT8580 Datasheet HTML 21Page - Linear Technology LT8580 Datasheet HTML 22Page - Linear Technology LT8580 Datasheet HTML 23Page - Linear Technology LT8580 Datasheet HTML 24Page - Linear Technology LT8580 Datasheet HTML 25Page - Linear Technology LT8580 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT8580
22
8580fa
For more information www.linear.com/LT8580
Figure 16. SEPIC Converter: The Component Values and Voltages
Given Are Typical Values for a 1MHz, 9V to 16V Input to 12V
Output SEPIC Converter
applicaTions inForMaTion
COUT
4.7µF
VOUT
12V
240mA
L1
22µH
D1
C1
1µF
RFBX
130k
VIN
9V TO 16V
VIN
SW
8580 F16
LT8580
487k
RC
16.2k
RT
84.5k
SHDN
GND
FBX
VC
SYNC
SS
RT
CC
1nF
CF
22pF
CSS
0.22µF
CIN
4.7µF
L2
22µH
•
•
SEPIC CONVERTER COMPONENT SELECTION
(COUPLED OR UNCOUPLED INDUCTORS)
The LT8580 can also be configured as a SEPIC, as shown
in Figure 16. This topology allows for positive output
voltages that are lower, equal or higher than the input volt-
age. Output disconnect is inherently built into the SEPIC
topology, meaning no DC path exists between the input
and output due to capacitor C1.
Table 5 is a step-by-step set of equations to calculate com-
ponent values for the LT8580 when operating as a SEPIC
converter. Input parameters are input and output voltage,
and switching frequency (VIN, VOUT and fOSC, respectively).
Refer to the Applications Information section for further
information on the design equations presented in Table 5.
Variable Definitions:
VIN = Input Voltage
VOUT = Output Voltage
DC = Power Switch Duty Cycle
fOSC = Switching Frequency
IOUT = Maximum Average Output Current
IRIPPLE = Inductor Ripple Current
Table 5. SEPIC Design Equations
PARAMETERS/EQUATIONS
Step 1:
Inputs
Pick VIN, VOUT and fOSC to calculate equations below
Step 2:
DC
DCMAX =
VOUT +0.5V
VIN(MIN) + VOUT +0.5V– 0.4V
DCMIN =
VOUT +0.5V
VIN(MAX) + VOUT +0.5V– 0.4V
Step 3:
L
LTYP =
(VIN(MIN) – 0.4V)•DCMAX
f
OSC • 0.3A
(1)
L
MIN =
(VIN(MIN) – 0.4V)•(2 •DCMAX – 1)
1.25 •(DCMAX −300ns • fOSC)• fOSC •(1–DCMAX)
(2)
L
MAX =
(VIN(MIN) – 0.4V)•DCMAX
f
OSC • 0.08 A
(3)
•Solve equations 1, 2 and 3 for a range of L values
•The minimum of the L value range is the higher of LTYP and LMIN
•The maximum of the L value range is LMAX
•L = L1 = L2 for coupled inductors
•L = L1|| L2 for uncoupled inductors
Step 4:
IRIPPLE
IRIPPLE(MIN) =
(VIN(MIN) – 0.4V)•DCMAX
fOSC •L
IRIPPLE(MAX) =
(VIN(MAX) – 0.4V)•DCMIN
fOSC •L
Step 5:
IOUT
IOUT(MIN) = 1A −
IRIPPLE(MIN)
2
⎛
⎝
⎜
⎞
⎠
⎟ • 1−DCMAX
(
)
IOUT(MAX) = 1A −
IRIPPLE(MAX)
2
⎛
⎝
⎜
⎞
⎠
⎟ • 1−DCMIN
(
)
Step 6:
D1
VR > VIN + VOUT; IAVG > IOUT
Step 7:
C1
C1 ≥ 1µF; VRATING ≥ VIN
Step 8:
COUT
COUT ≥
IOUT(MIN) •DCMAX
fOSC • 0.005 • VOUT
Step 9:
CIN
CIN ≥ CVIN +CPWR ≥
1A •DCMAX
40 • fOSC • 0.005 • VIN(MIN)
+
IRIPPLE(MAX)
8 • fOSC • 0.005 • VIN(MAX)
•Refer to the Capacitor Selection Section for definition of CVIN and CPWR
Step 10:
RFBX
RFBX =
VOUT −1.204V
83.3µA
Step 11:
RT
RT =
85.5
f
OSC
–1; f
OSC in MHz and RT in kΩ
Note 1: This table uses 1A for the peak switch current. Refer to the
Electrical Characteristics Table and Typical Performance Characteristics
plots for the peak switch current at an operating duty cycle.
Note 2: The final values for COUT, CIN and C1 may deviate from the
previous equations in order to obtain desired load transient performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com