Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8580 Datasheet HTML 10Page - Linear Technology LT8580 Datasheet HTML 11Page - Linear Technology LT8580 Datasheet HTML 12Page - Linear Technology LT8580 Datasheet HTML 13Page - Linear Technology LT8580 Datasheet HTML 14Page - Linear Technology LT8580 Datasheet HTML 15Page - Linear Technology LT8580 Datasheet HTML 16Page - Linear Technology LT8580 Datasheet HTML 17Page - Linear Technology LT8580 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT8580
14
8580fa
For more information www.linear.com/LT8580
applicaTions inForMaTion
Using the circuit in Figure 4 as an example, Table 3 shows
the parameters used to generate the bode plot shown in
Figure 6.
In Figure 6, the phase is –126° when the gain reaches 0dB
giving a phase margin of 54°. The crossover frequency is
14kHz, which is more than three times lower than the fre-
quency of the RHP zero to achieve adequate phase margin.
Diode Selection
Schottky diodes, with their low forward-voltage drops and
fast switching speeds, are recommended for use with the
LT8580. For applications where VR (see Tables 4, 5 and
6) < 40V, the Diodes, Inc. SBR1V40LP is a good choice.
Where VR > 40V, the Diodes Inc. DFLS1100 works well.
These diodes are rated to handle an average forward
current of 1A.
Oscillator
The operating frequency of the LT8580 can be set by the
internal free-running oscillator. When the SYNC pin is
driven low (< 0.4V), the frequency of operation is set by a
resistor from RT to ground. An internally trimmed timing
capacitor resides inside the IC. The oscillator frequency
is calculated using the following formula:
fOSC =
85.5
(RT + 1)
where fOSC is in MHz and RT is in kΩ. Conversely, RT
(in kΩ) can be calculated from the desired frequency
(in MHz) using:
RT =
85.5
fOSC
−1
Clock Synchronization
TheoperatingfrequencyoftheLT8580canbesynchronized
to an external clock source. To synchronize to the external
source, simply provide a digital clock signal into the SYNC
pin. The LT8580 will operate at the SYNC clock frequency.
The LT8580 will revert to the internal free-running oscilla-
tor clock after SYNC is driven low for a few free-running
clock periods.
Figure 6. Bode Plot for Example Boost Converter
FREQUENCY (Hz)
10
60
80
100
120
100
1k
10k
100k
1M
8580 F06
40
20
0
–20
140
–180
–135
–90
–45
–225
–270
–315
–360
0
54° AT
14kHz
PHASE
GAIN
Table 3. Bode Plot Parameters
PARAMETER
VALUE
UNITS
COMMENT
RL
60
W
Application Specific
COUT
4.7
µF
Application Specific
RESR
10
mW
Application Specific
RO
300
kW
Not Adjustable
CC
3300
pF
Adjustable
CF
47
pF
Optional/Adjustable
CPL
0
pF
Optional/Adjustable
RC
6.04
kW
Adjustable
R1
130
kW
Adjustable
R2
14.6
kW
Not Adjustable
VOUT
12
V
Application Specific
VIN
5
V
Application Specific
gma
200
µmho
Not Adjustable
gmp
7
mho
Not Adjustable
L
15
µH
Application Specific
fS
1.5
MHz
Adjustable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com