Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology LT8580 Datasheet HTML 10Page - Linear Technology LT8580 Datasheet HTML 11Page - Linear Technology LT8580 Datasheet HTML 12Page - Linear Technology LT8580 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LT8580
9
8580fa
For more information www.linear.com/LT8580
applicaTions inForMaTion
For the SEPIC or dual inductor inverting topology (see
Figure 1 and Figure 2):
DC ≅
VD + |VOUT|
VIN +|VOUT|+ VD − VCESAT
The LT8580 can be used in configurations where the duty
cycle is higher than DCMAX, but it must be operated in the
discontinuous conduction mode so that the effective duty
cycle is reduced.
Inductor Selection
General Guidelines: The high frequency operation of the
LT8580allowsfortheuseofsmallsurfacemountinductors.
For high efficiency, choose inductors with high frequency
core material, such as ferrite, to reduce core losses. To
improve efficiency, choose inductors with more volume
for a given inductance. The inductor should have low
DCR (copper wire resistance) to reduce I2R losses, and
must be able to handle the peak inductor current without
saturating. Note that in some applications, the current
handling requirements of the inductor can be lower, such
as in the SEPIC topology, where each inductor only carries
a fraction of the total switch current. Multilayer or chip
inductors usually do not have enough core area to sup-
port peak inductor currents in the 1A to 2A range. To
minimize radiated noise, use a toroidal or shielded induc-
tor. Note that the inductance of shielded types will drop
more as current increases, and will saturate more easily.
See Table 1 for a list of inductor manufacturers. Thorough
lab evaluation is recommended to verify that the following
guidelines properly suit the final application.
Table 1. Inductor Manufacturers
Coilcraft
XAL5050, MSD7342, MSS7341 and
LPS4018 Series
www.coilcraft.com
Coiltronics DR, DRQ, LD and CD Series
www.coiltronics.com
Sumida
CDRH8D58/LD, CDRH64B, and
CDRH70D430MN Series
www.sumida.com
Würth
WE-PD, WE-DD, WE-TPC,
WE-LHMI and WE-LQS Series
www.we-online.com
Minimum Inductance: Although there can be a trade-off
with efficiency, it is often desirable to minimize board
space by choosing smaller inductors. When choosing
Setting Output Voltage
The output voltage is set by connecting a resistor (RFBX)
from VOUT to the FBX pin. RFBX is determined from the
following equation:
RFBX=
|VOUT − VFBX|
83.3µA
where VFBX is 1.204V (typical) for noninverting topologies
(i.e., boost and SEPIC regulators) and 3mV (typical) for
inverting topologies (see the Electrical Characteristics).
Power Switch Duty Cycle
In order to maintain loop stability and deliver adequate
current to the load, the power NPN (Q1 in the Block Dia-
gram) cannot remain “on” for 100% of each clock cycle.
The maximum allowable duty cycle is given by:
DCMAX =
(TP −MinOffTime)
TP
• 100%
where TP is the clock period and Min Off Time (found in
the Electrical Characteristics) is typically 100ns.
The application should be designed so that the operating
duty cycle does not exceed DCMAX.
The minimum allowable duty cycle is given by:
DCMIN =
Min On Time
TP
• 100%
where TP is the clock period and Minimum On Time is as
shown in the Typical Performance Characteristics.
The application should be designed so that the operating
duty cycle is at least DCMIN.
Duty cycle equations for several common topologies are
given below, where VD is the diode forward voltage drop
and VCESAT is typically 400mV at 0.75A.
For the boost topology:
DC ≅
VOUT − VIN + VD
VOUT + VD − VCESAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com