Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 1 Page - Linear Technology

  LT8580 Datasheet HTML 1Page - Linear Technology LT8580 Datasheet HTML 2Page - Linear Technology LT8580 Datasheet HTML 3Page - Linear Technology LT8580 Datasheet HTML 4Page - Linear Technology LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT8580
1
8580fa
For more information www.linear.com/LT8580
Typical applicaTion
FeaTures
applicaTions
DescripTion
Boost/SEPIC/Inverting
DC/DC Converter with 1A, 65V
Switch, Soft-Start and Synchronization
The LT®8580 is a PWM DC/DC converter containing an
internal 1A, 65V switch. The LT8580 can be configured
as either a boost, SEPIC or inverting converter.
The LT8580 has an adjustable oscillator, set by a resistor
from the RT pin to ground. Additionally, the LT8580 can be
synchronizedtoanexternalclock.Theswitchingfrequency
of the part may be free running or synchronized, and can
be set between 200kHz and 1.5MHz.
The LT8580 also features innovative SHDN pin circuitry
that allows for slowly varying input signals and an adjust-
able undervoltage lockout function.
Additional features such as frequency foldback and
soft-start are integrated. The LT8580 is available in tiny
thermally enhanced 3mm × 3mm 8-lead DFN and 8-lead
MSOP packages.
1.5MHz, 5V to 12V Boost Converter
n
1A, 65V Power Switch
n
Adjustable Switching Frequency
n
Single Feedback Resistor Sets VOUT
n
Synchronizable to External Clock
n
High Gain SHDN Pin Accepts Slowly Varying
Input Signals
n
Wide Input Voltage Range: 2.55V to 40V
n
Low VCESAT Switch: 400mV at 0.75A (Typical)
n
Integrated Soft-Start Function
n
Easily Configurable as a Boost, SEPIC, or Inverting
Converter
n
User Configurable Undervoltage Lockout (UVLO)
n
Pin Compatible with LT3580
n
Tiny Thermally Enhanced 8-Lead 3mm × 3mm DFN
and 8-Lead MSOP Packages
n
VFD Bias Supplies
n
TFT-LCD Bias Supplies
n
GPS Receivers
n
DSL Modems
n
Local Power Supply
Efficiency and Power Loss
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 7579816.
LOAD CURRENT (mA)
0
20
40
50
60
100
100
8580 TA01b
30
50
150
200
70
80
90
0
180
300
480
240
60
120
360
420
EFFICIENCY
POWER LOSS
4.7µF
VOUT
12V
200mA
15µH
130k
VIN
5V
VIN
SW
8580 TA01a
LT8580
10k
6.04k
56.2k
SHDN
GND
FBX
VC
SYNC
SS
RT
3.3nF
47pF
0.22µF
2.2µF


Similar Part No. - LT8580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8580 AD-LT8580 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8580 AD-LT8580 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8580 AD-LT8580 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
logo
Linear Technology
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
More results

Similar Description - LT8580

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3580IDD LINER-LT3580IDD Datasheet
274Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com