Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8580 Datasheet HTML 3Page - Linear Technology LT8580 Datasheet HTML 4Page - Linear Technology LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology LT8580 Datasheet HTML 10Page - Linear Technology LT8580 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LT8580
7
8580fa
For more information www.linear.com/LT8580
operaTion
Figure 1. SEPIC Topology Allows for the Input to Span
the Output Voltage. Coupled or Uncoupled Inductors
Can Be Used. Follow Noted Phasing if Coupled
Figure 2. Dual Inductor Inverting Topology Results in
Low Output Ripple. Coupled or Uncoupled Inductors
Can Be Used. Follow Noted Phasing if Coupled
D1
SHUTDOWN
L2
C3
L1
R1
VIN > VOUT
OR
VIN = VOUT
OR
VIN < VOUT
VOUT
VIN
SW
8580 F01
LT8580
RT
RC
C2
SHDN
GND
FBX
VC
SYNC
SS
RT
CC
CSS
C1
+
+
•
•
D1
SHUTDOWN
C3
L1
R1
VIN
VOUT
VIN
SW
8580 F02
LT8580
C2
SHDN
GND
FBX
VC
SYNC
SS
RT
CSS
C1
L2
+
+
•
•
RT
RC
CC
TheLT8580usesaconstant-frequency,currentmodecon-
trol scheme to provide excellent line and load regulation.
Refer to the Block Diagram for the following description
of the part’s operation. At the start of each oscillator cycle,
the SR latch (SR1) is set, which turns on the power switch,
Q1. The switch current flows through the internal current
sense resistor, generating a voltage proportional to the
switch current. This voltage (amplified by A4) is added
to a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A3. When this
voltage exceeds the level at the negative input of A3, the
SR latch is reset, turning off the power switch. The level
at the negative input of A3 (VC pin) is set by the error
amplifier A1 (or A2) and is simply an amplified version of
the difference between the feedback voltage (FBX pin) and
the reference voltage (1.204V or 3mV, depending on the
configuration). In this manner, the error amplifier sets the
correct peak current level to keep the output in regulation.
The LT8580 has an FBX pin architecture that can be used
for either noninverting or inverting configurations. When
configured as a noninverting converter, the FBX pin is
pulled up to the internal bias voltage of 1.204V by the
RFBX resistor connected from VOUT to FBX. Amplifier A2
becomes inactive and amplifier A1 performs the invert-
ing amplification from FBX to VC. When the LT8580 is in
an inverting configuration, the FBX pin is pulled down to
3mV by the RFBX resistor connected from VOUT to FBX.
Amplifier A1 becomes inactive and amplifier A2 performs
the noninverting amplification from FBX to VC.
SEPIC Topology
As shown in Figure 1, the LT8580 can be configured as
a SEPIC (single-ended primary inductance converter).
This topology allows for the input to be higher, equal, or
lower than the desired output voltage. Output disconnect
is inherently built into the SEPIC topology, meaning no DC
path exists between the input and output. This is useful
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
Inverting Topology
The LT8580 can also work in a dual inductor inverting
topology, as shown in Figure 2. The part’s unique feedback
pin allows for the inverting topology to be built by simply
changing the connection of external components. This
solution results in very low output voltage ripple due to
the inductor L2 in series with the output. Abrupt changes
in output capacitor current are eliminated because the
output inductor delivers current to the output during both
the off-time and the on-time of the LT8580 switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com