Electronic Components Datasheet Search
  English  ▼

X  

LT8580 Datasheet(PDF) 5 Page - Linear Technology

Part # LT8580
Description  Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8580 Datasheet(HTML) 5 Page - Linear Technology

  LT8580 Datasheet HTML 1Page - Linear Technology LT8580 Datasheet HTML 2Page - Linear Technology LT8580 Datasheet HTML 3Page - Linear Technology LT8580 Datasheet HTML 4Page - Linear Technology LT8580 Datasheet HTML 5Page - Linear Technology LT8580 Datasheet HTML 6Page - Linear Technology LT8580 Datasheet HTML 7Page - Linear Technology LT8580 Datasheet HTML 8Page - Linear Technology LT8580 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LT8580
5
8580fa
For more information www.linear.com/LT8580
Typical perForMance characTerisTics
SHDN Pin Current
SHDN Pin Current
Active/Lockout Threshold
TA = 25°C, unless otherwise specified
Oscillator Frequency During
Soft-Start
Internal UVLO
FBX VOLTAGE (V)
0
0
1/4
1/2
1/3
1/6
1/5
1
0.2
0.4
INVERTING
CONFIGURATIONS
NONINVERTING
CONFIGURATIONS
0.6
0.8
8580 G08
1
1.2
TEMPERATURE (°C)
–50 –25
2.1
2.2
2.7
2.4
2.3
0
50
25
75
8580 G09
2.5
2.6
125
100
150
SHDN VOLTAGE (V)
0
0
5
10
15
20
25
30
0.5
0.25
1
1.5
0.75
1.25
1.75 2
8580 G10
125°C
25°C
–40°C
SHDN VOLTAGE (V)
0
200
250
300
350
400
15
25
8580 G11
150
100
5
10
20
30
35
40
50
0
125°C
25°C
–40°C
TEMPERATURE (°C)
–50 –25
1.20
1.22
1.26
1.28
1.30
1.40
1.34
0
50
75
8580 G12
1.24
1.36
1.38
1.32
100 125 150
SHDN RISING
SHDN FALLING
25
Minimum On Time
vs Temperature
TEMPERATURE (°C)
–50 –25
0
50
100
150
400
250
0
50
75
8580 G13
300
350
200
100 125 150
RECOMMENDED MINIMUM ON TIME
MEASURED MINIMUM ON TIME
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com