Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8608 Datasheet HTML 2Page - Linear Technology LT8608 Datasheet HTML 3Page - Linear Technology LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology LT8608 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8608/LT8608B
6
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Load to Full Frequency
(SYNC Float to 1.9V)
(MSOP Package)
Frequency Foldback
Soft-Start Tracking
(MSOP Package)
Steady State Case Temperature
Rise vs Load Current (5VOUT)
Soft-Start Current vs Temperature
(MSOP Package)
Steady State Case Temperature
Rise vs Load (3.3VOUT)
VIN UVLO
Start-Up Dropout
Start-Up Dropout
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
35
40
0
25
50
75
100
125
8608 G19
L = 2.2µH
VOUT = 5V
RT = 18.2k
FB VOLTAGE (V)
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
RT = 18.2k
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
8608 G20
SYNC = 0V OR LT8608 DFN
SS VOLTAGE (V)
0 0.1 0.2 0.4 0.5 0.6 0.7 0.8 1.0 1.1 1.2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Soft-Start Tracking
8608 G21
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Soft Start Current Vs Temperature
8608 G22
TEMPERATURE (°C)
–50 –30 –10 10 30 50 70 90 110 130 150
2.00
2.25
2.50
2.75
3.00
3.25
VIN UVLO
8608 G23
VIN = 6V
VIN = 12V
VIN= 36V
IOUT (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
25
30
35
40
45
50
(5V out)
8608 G24
fSW = 2MHz
L = 2.2µH
fSW = 2MHz
L = 2.2µH
VIN = 12V
VIN = 36V
IOUT (A)
0.00
0.25
0.50
0.75
1.00
1.25
1.50
0
5
10
15
20
25
30
35
40
45
50
8608 G25
RLOAD = 50Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Start–Up Droupout
8608 G26
VIN
VOUT
VIN
VOUT
RLOAD = 5Ω
INPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Start-Up Droupout
8608 027



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com